Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88180 Datasheet(PDF) 8 Page - ASIX Electronics Corporation

Part # AX88180
Description  High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88180 Datasheet(HTML) 8 Page - ASIX Electronics Corporation

Back Button AX88180 Datasheet HTML 4Page - ASIX Electronics Corporation AX88180 Datasheet HTML 5Page - ASIX Electronics Corporation AX88180 Datasheet HTML 6Page - ASIX Electronics Corporation AX88180 Datasheet HTML 7Page - ASIX Electronics Corporation AX88180 Datasheet HTML 8Page - ASIX Electronics Corporation AX88180 Datasheet HTML 9Page - ASIX Electronics Corporation AX88180 Datasheet HTML 10Page - ASIX Electronics Corporation AX88180 Datasheet HTML 11Page - ASIX Electronics Corporation AX88180 Datasheet HTML 12Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
AX88180
8
ASIX ELECTRONICS CORPORATION
2.0 Signal Description
2.1 Signal Type Definition
I3:
Input, 3.3V with 5V tolerance
I2:
Input, 2.5V with 3.3V tolerance
I25
Input 2.5V only
O3:
Output, 3.3V
O2:
Output, 2.5V
IO3:
Input/Output, input 3.3V with 5V tolerance
IO2:
Input/Output, input 2.5V with 3.3V tolerance
TSO:
Tri-State Output
OD:
Open Drain allows multiple devices to share as a wire-OR
PD:
Internal 75K Pull Down
PU:
Internal 75K Pull Up
GND:
Digital Ground
VCC3:
3.3V power
VCC2:
2.5V power
I:
Input only
O:
Output only
IO:
Input/Output
2.2 RGMII/MII Interface
Table 1 : RGMII/MII Interface signals group
Pin Name Type
Pin NO
Pin Description
CLK125
I3
51
Free running clock 125MHz from OSC or Giga-PHY.
TXEN
O2, 12mA 66
Transmit Enable:
TXEN is transition synchronously with respect to the rising and falling edge of
TXCX. TXEN indicates that the port is presenting nibbles on TXD [3:0] for
transmission.
TXD[3:0]
O2, 12mA 61,62,63,65
Transmit Data:
TXD[3:0] is transition synchronously with respect to the rising and falling edge of
TXCX.
In rising edge TXD[3:0] is as general TD[3:0] and falling edge TXD[3:0]
is as TD[7:4]. TD[7:0] is used in AX88180 as byte unit.
TXCX
O2, 12mA 68
125MHz Clock Output:
It is a continuous 125 MHz clock Output to Giga-PHY operating in RGMII mode. It
is a timing reference for TXEN and TXD[3:0]. For normal operation, this pin will
be connected to Giga-PHY.
GTXCLK O2, 12mA 67
125MHz Clock Output:
It is a continuous 125 MHz clock output. This pin is for internal debug purpose only
and should be floating for normal operation.
RXCLK
I2
71
Receive Clock:
RXCLK is a continuous clock that provides the timing reference for RXDV,
RXD[3:0]. This clock is provided from PHY.
RXD[3:0] I2
77,76,75,74 Receive Data:
RXD[3:0] is driven by the PHY synchronously with respect to RXCLK. In rising
edge RXD[3:0] is as RD[3:0] and falling edge is as RD[7:4]. RD[7:0] is used in
AX88180 as byte unit.
RXDV
I2
70
Receive Data Valid:
RXDV is driven by the PHY synchronously with respect to RXCLK in rising and
falling edge. It is asserted high when valid data is present on RXD [3:0].
COL
I2
80
Collision:
This signal is driven by PHY when collision is detected.
CRS
I2
79
Carrier Sense:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com