Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88180 Datasheet(PDF) 32 Page - ASIX Electronics Corporation

Part # AX88180
Description  High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88180 Datasheet(HTML) 32 Page - ASIX Electronics Corporation

Back Button AX88180 Datasheet HTML 28Page - ASIX Electronics Corporation AX88180 Datasheet HTML 29Page - ASIX Electronics Corporation AX88180 Datasheet HTML 30Page - ASIX Electronics Corporation AX88180 Datasheet HTML 31Page - ASIX Electronics Corporation AX88180 Datasheet HTML 32Page - ASIX Electronics Corporation AX88180 Datasheet HTML 33Page - ASIX Electronics Corporation AX88180 Datasheet HTML 34Page - ASIX Electronics Corporation AX88180 Datasheet HTML 35Page - ASIX Electronics Corporation AX88180 Datasheet HTML 36Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
AX88180
32
ASIX ELECTRONICS CORPORATION
5.1.5 DC Characteristics of 3.3V IO Pins
Symbol
Description
Min
Typ
Max
Units
VCC3
Power supply of 3.3V IO
3.0
3.3
3.6
V
Vil
Input low voltage
-
-
0.8
V
Vih
Input high voltage
2.0
-
-
V
Vol
Output low voltage
-
-
0.4
V
Voh
Output high voltage
2.4
V
Rpu
Input pull-up resistance
40
75
190
K
Ω
Rpd
Input pull-down resistance
40
75
190
K
Ω
5.1.6 Power Consumption
Device Only
Measurement bases on 100MHz frequency of HCLK and turn on internal regulator at 25
oC temperature.
Item
Symbol
Power-on with
cable removed
Operation at
10Base-T
Operation at
100Base-T
Operation at
1000Base-T
Stand-by current
(HCLK is off)
Units
1
VCC3 (IO)
1.6
1.8
2.4
2.5
0.061
mA
2
VCC3R
87
72
79
105
1.5
mA
Note: The current of VCC3R includes VCC2 core current.
5.1.7 Thermal Characteristics
A. Junction to ambient thermal resistance,
JA
θ
Symbol
Min
Typ
Max
Units
JA
θ
-
46.3
-
oC/W
B. Junction to case thermal resistance,
JC
θ
Symbol
Min
Typ
Max
Units
JC
θ
-
16.2
oC/W
Note:
JA
θ
,
JC
θ defined as below
JA
θ
=
P
T
T
A
J −
,
JC
θ
=
P
T
T
C
J −
TJ: maximum junction temperature
TA: ambient or environment temperature
TC: the top center of compound surface temperature
P: input power (watts)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com