Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88180 Datasheet(PDF) 45 Page - ASIX Electronics Corporation

Part # AX88180
Description  High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88180 Datasheet(HTML) 45 Page - ASIX Electronics Corporation

Back Button AX88180 Datasheet HTML 39Page - ASIX Electronics Corporation AX88180 Datasheet HTML 40Page - ASIX Electronics Corporation AX88180 Datasheet HTML 41Page - ASIX Electronics Corporation AX88180 Datasheet HTML 42Page - ASIX Electronics Corporation AX88180 Datasheet HTML 43Page - ASIX Electronics Corporation AX88180 Datasheet HTML 44Page - ASIX Electronics Corporation AX88180 Datasheet HTML 45Page - ASIX Electronics Corporation AX88180 Datasheet HTML 46Page - ASIX Electronics Corporation AX88180 Datasheet HTML 47Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
AX88180
45
ASIX ELECTRONICS CORPORATION
Appendix A5. Wake On LAN (WOL) without driver via Magic Packet
A5-1. Wake On LAN (WOL) without driver
AX88180 can support WOL without driver exists. In such situations, system must offer 3.3V voltage,
reference clock and rest signal to AX88180. Whenever AX88180 detects magic packet from cable, it will drive
WAKEUP signal to host system. AX88180 defaults in MII interface (after reset before EEPROM auto-loaded).
Hence if Giga-PHY supports RGMII interface, designer must use EEPROM to set AX88180 to RGMII interface.
Users must take care is that AX88180 only supports delay timing of RGMII (refer to 5.2.8), thus it must add extra
delay (at least 0.7ns) in PCB board if system needs WOL and without running driver. Below diagram is shown the
concept.
Another available method is to set Giga-PHY in MII mode (by configure pin, if Giga-PHY has this feature).
After AX88180 detects magic packet and wakes up system, driver can set AX88180 to RGMII mode and also set
Giga-PHY to RGMII mode by MDIO interface. If designer employs this approach, the delay timing issue is not
needed.
A5-2. Magic packet
The magic packet received by AX88180 is shown as following;
DA + SA + 0x0000 + 0xFFFFFFFFFFFF + (at least repeats 16 times) DA + CRC32
DA = MAC address of AX88180 (6 bytes)
SA = Source address (6 bytes)
MCU
OSC
HCLK
Power
RC circuit or
Reset pulse generator
Data
Addr
CSN/OEN/WEN
Delay line
rxclk
rxclk
AX88180
Giga-PHY
No power area
Rst_n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com