Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88180 Datasheet(PDF) 6 Page - ASIX Electronics Corporation

Part # AX88180
Description  High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88180 Datasheet(HTML) 6 Page - ASIX Electronics Corporation

Back Button AX88180 Datasheet HTML 2Page - ASIX Electronics Corporation AX88180 Datasheet HTML 3Page - ASIX Electronics Corporation AX88180 Datasheet HTML 4Page - ASIX Electronics Corporation AX88180 Datasheet HTML 5Page - ASIX Electronics Corporation AX88180 Datasheet HTML 6Page - ASIX Electronics Corporation AX88180 Datasheet HTML 7Page - ASIX Electronics Corporation AX88180 Datasheet HTML 8Page - ASIX Electronics Corporation AX88180 Datasheet HTML 9Page - ASIX Electronics Corporation AX88180 Datasheet HTML 10Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
AX88180
6
ASIX ELECTRONICS CORPORATION
1.0 Introduction
1.1 General Description
The AX88180, SRAM-like 16/32-bit local bus to Gigabit Ethernet bridge, supports a 10/100/1000 Mbps with RGMII
(V2.0 in delay timing) or MII in wire-speed operation. AX88180 supports RGMII (802.3ab, 1000Base-T) interface with
full-duplex operation at gigabit speed and full-duplex or half-duplex operation at 10/100 Mbps speed. AX88180 can also
operate in MII mode with 10/100Mbps speed.
The AX88180 has two built-in synchronous SRAM for buffering packet.
The one is 32K bytes for receiving packets
from Ethernet PHY; the other is 8K-bytes for transmitting packets from host system to Ethernet PHY. The AX88180 also
has 256 bytes built-in configuration registers. For software programming, the total address space used in AX88180 is 64K
in 32-bit mode and at least (8K + 8) bytes in 16-bit mode.
Because AX88180 is a SRAM-like device, AX88180 could be treated as a SRAM device and can be attached to SRAM
controller of system. Therefore, system can execute DMA cycles to gain the highest performance.
AX88180 needs 2 clock sources. One (HCLK) is the same to host system clock or from stand-along OSC, the other is
125Mhz (CLK125) for AX88180 running in RGMII mode. In general application, the 125MHz clock can be from Giga
-PHY for cost effectively.
1.2 AX88180 Block Diagram
Figure 1 : AX88180 block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com