Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88180 Datasheet(PDF) 40 Page - ASIX Electronics Corporation

Part # AX88180
Description  High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88180 Datasheet(HTML) 40 Page - ASIX Electronics Corporation

Back Button AX88180 Datasheet HTML 36Page - ASIX Electronics Corporation AX88180 Datasheet HTML 37Page - ASIX Electronics Corporation AX88180 Datasheet HTML 38Page - ASIX Electronics Corporation AX88180 Datasheet HTML 39Page - ASIX Electronics Corporation AX88180 Datasheet HTML 40Page - ASIX Electronics Corporation AX88180 Datasheet HTML 41Page - ASIX Electronics Corporation AX88180 Datasheet HTML 42Page - ASIX Electronics Corporation AX88180 Datasheet HTML 43Page - ASIX Electronics Corporation AX88180 Datasheet HTML 44Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
AX88180
40
ASIX ELECTRONICS CORPORATION
Appendix A1. 16-bit mode address and data bus
A1-1. 16-bit mode and separated address and data bus
Note: The name of control signal for MCU is demonstrated only.
A1-1-1. AX88180 is synchronous to host MCU
A1-1-2. AX88180 is asynchronous to host MCU
Note: For asynchronous mode, system must provide extra OSC to output clock to AX88180
CS N
/C S x
/R D
O E N
/W R
W E N
CL K
H CL K
A [ 15: 1 ]
H A [ 15: 1 ]
D[ 1 5 : 0 ]
H D [ 15: 0 ]
/ I NT x
I NT N
/ R ES ET
R S T _ N
3. 3V
G e ne r i c M C U
A X 8 8180
H D [ 31: 1 6 ]
GP I O0
N o t e : f lo a ti n g
4. 7K
CS N
/C S x
/R D
O E N
/W R
W E N
HC L K
A [ 15: 1 ]
HA[ 1 5 : 1 ]
D [ 15: 0 ]
HD[ 1 5 : 0 ]
/I N T x
I N T N
/ R ES ET
R S T _ N
3. 3V
G e n e r i c M C U
A X 881 80
H D [ 31: 16 ]
GP I O0
N o te : f l o a ti n g
OS C
4. 7K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com