Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4050BCPZ-R2 Datasheet(PDF) 29 Page - Analog Devices

Part # AD4050BCPZ-R2
Description  Compact, Low Power, 12-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4050BCPZ-R2 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD4050BCPZ-R2 Datasheet HTML 25Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 26Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 27Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 28Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 29Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 30Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 31Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 32Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
Data Sheet
AD4050/AD4056
MODES OF OPERATION
analog.com
Rev. A | 29 of 67
Table 16 shows an overview of the AD4050/AD4056 functional
modes. The ADC and serial interface functionality for each mode is
given in the subsequent sections.
Configuration mode is the default AD4050/AD4056 operating mode
following power-up and device resets. The remaining operating
modes are selected via the configuration registers as shown in Ta-
ble 16. The SPI protocol for register writes and reads is described
in the Configuration Mode section.
Figure 45 shows the AD4050/AD4056 operating mode selection
as a state machine diagram. The ENTER_ADC_MODE bit field
controls whether the AD4050/AD4056 is in configuration mode
or in one of the five ADC modes as shown in Table 16. Con-
figure the ADC_MODE and AUTO_MODE fields before setting
ENTER_ADC_MODE to 1'b1 to select the desired operating mode.
Setting the ENTER_ADC_MODE to 1'b1 via a register write triggers
the AD4050/AD4056 to transition from configuration mode to the
selected ADC mode (see Figure 43).
The exit command triggers the AD4050/AD4056 to transition from
the active ADC mode back to configuration mode. When the
AD4050/AD4056 receives the exit command, it internally resets
the ENTER_ADC_MODE bit to 1'b0. The exit command consists of
the code 5'b10101 clocked in on the SDI pin on the first 5 SCLK
rising edges following the CS falling edge. Figure 44 shows a timing
diagram for the exit command. The tCONFIG specification indicates
the minimum delay between the exit command CS rising edge and
when the AD4050/AD4056 can receive new register read and write
SPI transactions (see Table 5 and Table 6).
Table 16. AD4050/AD4056 Functional Modes
Mode
ENTER_ADC_MODE
ADC_MODE
AUTO_MODE
POWER_MODE
Configuration Mode (Default)
1'b0
Don't Care
Don't care
2'b00
Sample Mode
1'b1
2'b00
Don't care
2'b00
Burst Averaging Mode
1'b1
2'b01
Don't care
2'b00
Averaging Mode
1'b1
2'b10
Don't care
2'b00
Monitor Mode
1'b1
2'b11
1'b0
2'b00
Trigger Mode
1'b1
2'b11
1'b1
2'b00
Sleep Mode
Don't care
Don't care
Don't care
2'b11
Figure 43. ENTER_ADC_MODE Timing Diagram
Figure 44. Exit Command Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com