Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4050BCPZ-R2 Datasheet(PDF) 59 Page - Analog Devices

Part # AD4050BCPZ-R2
Description  Compact, Low Power, 12-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4050BCPZ-R2 Datasheet(HTML) 59 Page - Analog Devices

Back Button AD4050BCPZ-R2 Datasheet HTML 55Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 56Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 57Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 58Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 59Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 60Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 61Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 62Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 67 page
background image
Data Sheet
AD4050/AD4056
REGISTER DETAILS
analog.com
Rev. A | 59 of 67
Table 38. Bit Descriptions for ADC_MODES
Bits
Bit Name
Description
Reset
Access
7
DATA_FORMAT
ADC Output Format.
0x1
R/W
0: Straight Binary (Unsigned).
1: Twos Complement (Signed).
6
SIGN_EXT_EN
Sign Extension Enable Bit. Set this bit to enable the sign extension byte on ADC read data.
0x0
R/W
[5:4]
RESERVED
Reserved. Must be set to 0x0.
0x0
R/W
3
RESERVED
Reserved.
0x0
R
2
AUTO_MODE
Autonomous Mode Select Bit.
0x0
R/W
0: Monitor Mode.
1: Trigger Mode.
[1:0]
ADC_MODE
Operating Mode Select Bit.
0x0
R/W
0x0: Sample Mode.
0x1: Burst Averaging Mode.
0x2: Averaging Mode.
0x3: Autonomous Mode. Select between monitor and trigger modes via the AUTO_MODE bit.
ADC SETUP CONFIGURATION REGISTER
Address: 0x22, Reset: 0x00, Name: ADC_CONFIG
Table 39. Bit Descriptions for ADC_CONFIG
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R
5
REF_SEL
Reference Source Select. Selects which pin is used as the ADC reference source.
0x0
R/W
0: REF.
1: VDD.
4
SCALE_EN
MON_VAL Scaling Enable. MON_VAL scaling is enabled when SCALE_EN is set to 1 while the input multiplexer
is configured to monitor the analog inputs (see the INP_MUX_SEL bit).
0x0
R/W
[3:2]
RESERVED
Reserved.
0x0
R
[1:0]
INP_MUX_SEL
Input Multiplexer Setting.
0x0
R/W
0x0: Analog Inputs. ADC connected to analog inputs (IN+ and IN−).
0x1: Invalid.
0x2: VDD/2. ADC monitors the VDD supply voltage scaled by ½ . This setting is used to determine the ratio of
REF to VDD and to set the MON_VAL scaling factor accordingly.
0x3: Invalid.
AVERAGING FILTER CONFIGURATION REGISTER
Address: 0x23, Reset: 0x00, Name: AVG_CONFIG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com