Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4050BCPZ-R2 Datasheet(PDF) 50 Page - Analog Devices

Part # AD4050BCPZ-R2
Description  Compact, Low Power, 12-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4050BCPZ-R2 Datasheet(HTML) 50 Page - Analog Devices

Back Button AD4050BCPZ-R2 Datasheet HTML 46Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 47Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 48Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 49Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 50Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 51Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 52Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 53Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 67 page
background image
Data Sheet
AD4050/AD4056
APPLICATIONS INFORMATION
analog.com
Rev. A | 50 of 67
Table 20. Configuration Settings for MON_VAL Scaling
Bit Field Name
MON_VAL Calculation
MON_VAL Application
REF_SEL
1'b0: VREF = REF
1'b1: VREF = VDD
DATA_FORMAT
1'b0: Single-ended mode Don't care
INP_MUX_SEL
2'b10: Sample VDD/2
2'b00: Sample IN+ and
IN−
ADC_MODE
2'b10: Burst averaging
mode
Don't care
AVG_WIN_LEN
Don't care1
Don't care
SCALE_EN
1'b0: Scaling disabled
1'b1: Scaling enabled
GP0_SEL
3'b010: RDY on GP02
Don't care
GP1_SEL
3'b110: Logic high on
GP13
3'b011: Logic low on GP13
1 MON_VAL calculations do not require a specific value for NAVG, but it is
recommended to set NAVG based on the VDD supply circuit noise and the
system accuracy targets.
2 Optional. The RDY signal can act as a hardware interrupt to notify the digital
host when MON_VAL calculation is complete.
3 Optional. The static logic levels can act as the voltage reference enable pin
if its input logic levels are consistent with the AD4050/AD4056 output logic
levels.
VDD POWER DISSIPATION
SAR ADCs such as the AD4050/AD4056 are ideal for precision
measurement applications with tight power dissipation budgets. The
ADC core is effectively duty-cycled and only consumes active pow-
er while performing a conversion, so the effective power dissipation
is lower at slower sample rates. Figure 75 illustrates the instantane-
ous and average VDD input current (IDD) vs. ADC sampling. Table 1
gives the average supply current and power dissipation for several
operating modes and sample rates.
The AD4050/AD4056 ADC core is exceptionally power efficient and
can operate in several lower power operating modes. As described
in the Analog Front-End Design section, slower sampling rates
also relax the load drive requirements for the AFE and reference
circuitry, allowing the AD4050/AD4056 to interface with low-power
amplifiers and voltage references for overall system power optimi-
zation.
While the AD4050/AD4056 is idle, VDD draws only 990 nA standby
current (see Figure 29). In sample mode and averaging mode,
the AD4050/AD4056 average VDD current is 0.4 mA at 1 MSPS,
and 0.2 mA at 500 kSPS, equivalent to 400 pC per conversion.
In the autonomous modes, the VDD current is reduced to 112 μA
at 1 MSPS, and 56 μA at 500 kSPS, equivalent to 112 pC per
comparison operation. Figure 21 and Figure 24 show the average
IDD and power dissipation vs. the ADC sample rate and operating
mode. The supply current and power dissipation scale linearly with
the sample rate.
In burst averaging mode, the AD4050/AD4056 performs a burst of
conversions to generate an averaged result. The average power
dissipation in burst averaging mode is, therefore, a function of the
average number of conversions performed per second over many
bursts of samples. This is a function of the burst sampling rate,
NAVG, and the period of the CNV signal. Figure 76 illustrates the
VDD power dissipation over the burst sampling and idle phases in
burst averaging mode.
Figure 75. IDD vs. Conversion Periods in Sample Mode and Averaging Mode
Figure 76. IDD vs. Burst Conversions in Burst Averaging Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com