Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4050BCPZ-R2 Datasheet(PDF) 57 Page - Analog Devices

Part # AD4050BCPZ-R2
Description  Compact, Low Power, 12-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4050BCPZ-R2 Datasheet(HTML) 57 Page - Analog Devices

Back Button AD4050BCPZ-R2 Datasheet HTML 53Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 54Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 55Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 56Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 57Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 58Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 59Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 60Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
Data Sheet
AD4050/AD4056
REGISTER DETAILS
analog.com
Rev. A | 57 of 67
RESERVED REGISTERS
Address: 0x0E, Reset: 0x00, Name: STREAM_MODE
Table 33. Bit Descriptions for STREAM_MODE
Bits
Bit Name
Description
Reset
Access
[7:0]
LOOP_COUNT
Reserved. This bit field must be set to 0x00.
0x0
R/W
Address: 0x0F, Reset: 0x00, Name: TRANSFER_CONFIG
Table 34. Bit Descriptions for TRANSFER_CONFIG
Bits
Bit Name
Description
Reset
Access
[7:3]
RESERVED
Reserved.
0x0
R
2
KEEP_STREAM_LENGTH_VAL
Reserved. This bit must be set to 0.
0x0
R/W
[1:0]
RESERVED
Reserved.
0x0
R
INTERFACE CONFIGURATION C REGISTER
Address: 0x10, Reset: 0x13, Name: INTERFACE_CONFIG_C
Additional interface configuration settings.
Table 35. Bit Descriptions for INTERFACE_CONFIG_C
Bits
Bit Name
Description
Reset
Access
[7:6]
CRC_EN
CRC Enable. Set CRC_EN to 0x1 and CRC_EN_B to 0x2 in the same register write to enable
interface CRC.
0x0
R/W
0: CRC Disabled.
1: CRC Enabled. Enables CRC if CRC_EN_B = 0x2.
5
STRICT_REGISTER_ACCESS
Reserved. This bit must be set to 0.
0x0
R/W
4
SEND_STATUS
Reserved. This bit must be set to 1.
0x1
R/W
[3:2]
RESERVED
Reserved.
0x0
R
[1:0]
CRC_EN_B
Inverted CRC Enable. To enable CRC, write as the inverted value of CRC_ENABLE.
0x3
R/W
INTERFACE STATUS REGISTER
Address: 0x11, Reset: 0x00, Name: INTERFACE_STATUS
Status bits indicating errors in register reads and/or writes in configuration mode. The interface status bits are active high and are cleared by
writing a 1 to their corresponding bit locations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com