Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4050BCPZ-R2 Datasheet(PDF) 36 Page - Analog Devices

Part # AD4050BCPZ-R2
Description  Compact, Low Power, 12-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4050BCPZ-R2 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD4050BCPZ-R2 Datasheet HTML 32Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 33Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 34Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 35Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 36Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 37Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 38Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 39Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
Data Sheet
AD4050/AD4056
MODES OF OPERATION
analog.com
Rev. A | 36 of 67
4. VIN ≤ MIN_LIMIT
The comparator includes two hardware alert signals for the maxi-
mum and minimum threshold events (MAX_INTR and MIN_INTR,
respectively). These signals can be assigned to either or both
of the GP0 and GP1 pins, as described in the Threshold Alert
Signals section. Figure 60 shows a typical connection diagram for a
microcontroller using these alert signals as hardware interrupts.
Monitor Mode
In monitor mode, the AD4050/AD4056 continuously operate in
autonomous mode until the digital host sends the exit command
to put it back into configuration mode (see Figure 45). Monitor
mode makes use of the user-programmable hysteresis settings to
self-clear the MAX_INTR and MIN_INTR signals when the input
signal goes back in range (see Figure 40).
Figure 58 shows a flowchart for register configuration, the com-
parison sequence operations, and the behavior of the hardware
interrupts and alert flags following threshold crossings in monitor
mode. Table 16 lists the configuration register settings to select
monitor mode.
When the maximum or minimum threshold crossings are detected,
the MAX_INTR or MIN_INTR signal asserts, respectively. The
internal timer continues to generate the sampling clock, and the
MAX_INTR or MIN_INTR signal is deasserted when the sampled
input signal is back in bounds as set by the MAX_HYST and
MIN_HYST bit fields, respectively.
The MAX_FLAG or MIN_FLAG bit is also asserted when
MAX_INTR or MIN_INTR asserts, respectively. The MAX_FLAG
and MIN_FLAG are sticky and do not self-clear when the signal
goes back in range. It is recommended to reset the MAX_FLAG
and MIN_FLAG bits after sending the exit command and before
returning to autonomous mode.
Figure 58. Monitor Mode Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com