Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4050BCPZ-R2 Datasheet(PDF) 31 Page - Analog Devices

Part # AD4050BCPZ-R2
Description  Compact, Low Power, 12-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4050BCPZ-R2 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD4050BCPZ-R2 Datasheet HTML 27Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 28Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 29Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 30Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 31Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 32Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 33Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 34Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 67 page
background image
Data Sheet
AD4050/AD4056
MODES OF OPERATION
analog.com
Rev. A | 31 of 67
SAMPLE MODE
In sample mode, a rising edge of the CNV signal triggers a single
conversion. At the end of the conversion, the AD4050/AD4056
generate a 12-bit result that the digital host reads via the SPI. Table
16 lists the configuration register settings to select sample mode.
Figure 46 shows a typical connection diagram for the AD4050/
AD4056 digital interface, which includes a recommended 200 Ω
series resistor close to the CNV pin.
Figure 47 shows an interface timing diagram for sample mode.
The tCONV specification quantifies the time delay between the CNV
rising edge and the end of conversion. The digital host must wait
for the maximum tCONV delay before asserting CS and reading the
result over the SPI. The RDY signal acts as an optional hardware
interrupt to synchronize SPI reads to the ADC sampling phases
(see the Data Ready Signal section). To ensure optimal perform-
ance, the digital host must also observe the tQUIET specification that
defines the minimum delay between the final SCLK falling edge and
the next CNV rising edge.
By default, the output data are 12-bits long and are clocked out on
the SDO on each SCLK falling edge. Sample mode also offers an
optional sign-extension byte and CRC byte that can be appended to
the 12-bit ADC data. See the ADC Mode Output Data Format sec-
tion for details on the sample mode SDO data formatting options.
In sample mode, the maximum sampling rate (fS) is limited by the
output data rate of the SPI (fODR), which is a function of the output
data length and serial clock frequency (fSCLK). See the Calculating
Serial Interface Output Data Rate section for details on estimating
the maximum achievable fS for the given operating conditions.
When the DEV_EN signal is enabled, the start of the conversion
is delayed by the programmable tPWR_ON delay relative to the CNV
rising edge. See the Device Enable Signal section and Figure 52 for
specific timing details when using the DEV_EN signal.
Figure 46. Sample Mode Example Connection Diagram
Figure 47. Sample Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com