Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4050BCPZ-R2 Datasheet(PDF) 37 Page - Analog Devices

Part # AD4050BCPZ-R2
Description  Compact, Low Power, 12-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4050BCPZ-R2 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD4050BCPZ-R2 Datasheet HTML 33Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 34Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 35Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 36Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 37Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 38Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 39Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 40Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 67 page
background image
Data Sheet
AD4050/AD4056
MODES OF OPERATION
analog.com
Rev. A | 37 of 67
Trigger Mode
In trigger mode, threshold crossings trigger the AD4050/AD4056 to
automatically perform a 12-bit conversion of the input signal and
transition into sample mode. The corresponding alert signals and
status bits are asserted to send an interrupt to the digital host.
The host can then read the 12-bit result from the SPI as described
in the sample mode section or from the MAX_SAMPLE_REG or
MIN_SAMPLE_REG registers in configuration mode.
Figure 59 shows a flowchart for register configuration, the com-
parison sequence operations, and the behavior of the hardware
interrupts and alert flags following threshold crossings in trigger
mode. Table 16 lists the configuration register settings to select
trigger mode.
When a maximum or minimum crossing is detected, the MAX_INTR
or MIN_INTR signal asserts, respectively. The internal timer is
disabled to stop autonomous sampling, and the ADC core powers
up to convert the input signal. Figure 61 shows a timing diagram
for the threshold detection and ADC sampling in trigger mode.
Following the threshold event, the firmware can either continue
operating the AD4050/AD4056 in sample mode to perform more
conversions, or the firmware can send the exit command to put the
device into configuration mode and read the alert registers. The
MAX_INTR and MIN_INTR signals hold their states until the host
sends the exit command to transition to register mode.
Note that following the transition to sample mode, the ADC_MODE
bit field in the register map is internally overwritten to 2’h0 and must
be rewritten to 2’h3 to reenter autonomous mode.
The MAX_FLAG or MIN_FLAG bit is also asserted when
MAX_INTR or MIN_INTR asserts, respectively. The MAX_FLAG
and MIN_FLAG bits are sticky and do not clear until the host sets
them to 1’b1 with a register write. It is recommended to reset the
MAX_FLAG and MIN_FLAG bits after sending the exit command
and before returning to autonomous mode.
Figure 59. Trigger Mode Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com