Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4050BCPZ-R2 Datasheet(PDF) 38 Page - Analog Devices

Part # AD4050BCPZ-R2
Description  Compact, Low Power, 12-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4050BCPZ-R2 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD4050BCPZ-R2 Datasheet HTML 34Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 35Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 36Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 37Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 38Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 39Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 40Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 41Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 67 page
background image
Data Sheet
AD4050/AD4056
MODES OF OPERATION
analog.com
Rev. A | 38 of 67
Autonomous Mode Diagrams
Figure 60. Autonomous Mode Example Connection Diagram
Figure 61. Trigger Mode Timing Diagram
SLEEP MODE
In sleep mode, the AD4050/AD4056 power down all functional
blocks, except the digital interface, to achieve an ultra-low power
consumption of 430 nW for extended periods of idle time (see
Table 1). Set the POWER_MODE bit field in the DEVICE_CONFIG
register to 2'h3 to put the AD4050/AD4056 into sleep mode.
The internal LDO regulator is powered down and stops supplying
the +1.8 V CLDO supply while in sleep mode. This feature powers
down the ADC core and most other functional blocks. The digital
interface remains active, so the digital host can rewrite the POW-
ER_MODE bit field to 2'h0 to exit sleep mode and power up the
device. When the device exits sleep mode, it enters configuration
mode. The configuration register states persist, so the digital host
does not need to reprogram the device configuration after exiting
sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com