Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT600Q-B-R Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # FT600Q-B-R
Description  FT600Q-FT601Q IC Datasheet (USB 3.0 to FIFO Bridge)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT600Q-B-R Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button FT600Q-B-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Copyright © Future Technology Devices International Limited
9
FT600Q-FT601Q IC DatasheetDatasheet
Version 1.04
Document No.: FT_001118
Clearance No.: FTDI#424
RXF_N
245 Synchronous FIFO mode: Receive FIFO Full output signal.
The signal indicates there is a minimum of 1 byte of data
available to read. Only read from the FIFO when this signal is
logic 0.
Multi-Channel FIFO mode: Data Receive Acknowledge output
signal.
O
9
5
SIWU_N
Reserved. Add external pull up in normal operation.
I
10
6
WR_N
245 Synchronous FIFO mode: Write Enable input signal.
Multi-Channel FIFO mode: Data Transaction Request input signal.
The signal is active low.
I
11
7
RD_N
245 Synchronous FIFO mode: Read Enable input signal.
The signal is active low.
I
12
8
OE_N
245 Synchronous FIFO mode: Data Output Enable input signal.
The signal is active low.
I
13
9
RESET_N
Chip Reset input, Active low.
I
15
10
WAKEUP_N
Suspend/Remote Wakeup pin by default Low when USB is active,
high when USB is in suspend. Application can drive this pin low in
in USB suspend to generate a remote wakeup signal to the USB
host.
I/O
16
11
Reserved
Do not connect.
NC
19
14
GPIO0
Configurable GPIO port0.
I/O
17
12
GPIO1
Configurable GPIO port1.
I/O
18
13
VBUS
USB BUS power input.
I
37
29
XI
Crystal input. This terminal is the crystal input for the internal
oscillator.
I
21
16
XO
Crystal Output. This terminal is the crystal output for the internal
oscillator.
O
22
17
DP
High-speed USB differential transceiver (positive)
I/O
23
18
DM
High-speed USB differential transceiver (negative)
I/O
25
20
RREF
PHY reference resistor input pin. Connect 1.6K Ω 1% resistor to
ground, provides reference voltage to USB2 PHY.
I
27
21
TODN
Super Speed USB transmitter differential pair (negative)
O
31
24
TODP
Super Speed USB transmitter differential pair (positive)
O
32
25
RIDN
Super Speed USB receiver differential pair (negative)
I
34
27
RIDP
Super Speed USB receiver differential pair (positive)
I
35
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com