Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT600Q-B-R Datasheet(PDF) 25 Page - Future Technology Devices International Ltd.

Part # FT600Q-B-R
Description  FT600Q-FT601Q IC Datasheet (USB 3.0 to FIFO Bridge)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT600Q-B-R Datasheet(HTML) 25 Page - Future Technology Devices International Ltd.

Back Button FT600Q-B-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 29Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
Copyright © Future Technology Devices International Limited
25
FT600Q-FT601Q IC DatasheetDatasheet
Version 1.04
Document No.: FT_001118
Clearance No.: FTDI#424
8
Package Parameters
The FT60x is available in two different packages based on the FIFO bus interface. The FT600Q is the QFN-
56 package 16-bit FIFO bus interface and the FT601Q is the QFN-76 package 32-bit FIFO interface.
8.1
QFN-56 Package Mechanical Dimensions
Figure 8.1 QFN-56 Package Dimensions
The FT600Q is supplied in a RoHS compliant 56 pin QFN package. The package is lead (Pb) free and uses
a ‘green’ compound. The package is fully compliant with European Union directive 2002/95/EC.
This package is nominally 7.0mm x 7.0 mm body and the pins are on a 0.4 mm pitch. The above
mechanical drawing shows the QFN-56 package. All dimensions are in millimetres. The centre pad on the
base of the FT600Q is internally connected to GND; the PCB should connect to ground and not have
signal tracking on the same layer as the chip in this area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com