Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT600Q-B-R Datasheet(PDF) 18 Page - Future Technology Devices International Ltd.

Part # FT600Q-B-R
Description  FT600Q-FT601Q IC Datasheet (USB 3.0 to FIFO Bridge)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT600Q-B-R Datasheet(HTML) 18 Page - Future Technology Devices International Ltd.

Back Button FT600Q-B-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 22Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Copyright © Future Technology Devices International Limited
18
FT600Q-FT601Q IC DatasheetDatasheet
Version 1.04
Document No.: FT_001118
Clearance No.: FTDI#424
4.4
FIFO Bus AC Timing
The FT600/FT601 device FIFO bus is a synchronous parallel bus. The CLK signal is generated by the
device, with the typical FIFO clock duty cycle of 50%. Both Multi-Channel and 245 synchronous FIFO
modes’ worst case AC timing are shown in Figure 4.8 and Table 4.2.
In this figure, ‘Input Data’ includes all control signals and data lines driven by the FIFO master. ‘Output
Data’ includes all control signals and data lines driven by the FIFO slave - FT600/FT601.
Figure 4.8 FIFO Bus AC timing diagram
Time
Description
Minimum
Maximum
Unit
T1
Slave Drive Data Set Up Time
3.0
-
ns
T2
Slave Drive Data Hold Time
3.5
-
ns
T3
Master Drive Data Set Up Time
2.3
-
ns
T4
Master Drive Date Hold Time
3.8
-
ns
Table 4.2 FIFO Bus AC timing
4.5 Crystal requirements
The FT60x device requires an external clock source to control the internal circuitry.
The recommended parameters for the crystal are: 30MHz ±20ppm Crystal 18pF 50 Ohm -40°C ~ 85°C.
The crystal should be connected across the XI and XO pins.
Note: It is not possible to replace the crystal with an oscillator or other clock source by tying XO to GND.
CLK
Output Data
T1
Input Data
T2
T3
T4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com