Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT600Q-B-R Datasheet(PDF) 21 Page - Future Technology Devices International Ltd.

Part # FT600Q-B-R
Description  FT600Q-FT601Q IC Datasheet (USB 3.0 to FIFO Bridge)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT600Q-B-R Datasheet(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button FT600Q-B-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 25Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Copyright © Future Technology Devices International Limited
21
FT600Q-FT601Q IC DatasheetDatasheet
Version 1.04
Document No.: FT_001118
Clearance No.: FTDI#424
5.3.2 DC Characteristics for I/O Interface
Parameter
Description
Min
Typ
Max
Units
Conditions
VCCIO_3.3V
VCCIO Operating Supply
Voltage
3.0
3.3
3.6
V
Normal
Operation
VCCIO_2.5V
2.3
2.5
2.7
V
Normal
Operation
VCCIO_1.8V
1.65
1.8
1.95
V
Normal
Operation
VIH
VCCIO*0.7
-
-
V
Normal
Operation
VIL
-
-
VCCIO*0.3
V
Normal
Operation
Iin/Iout(3.3V)
Input/output Leakage
-10
-
10
uA
Without pull-
up/down
Rpu/Rpd
Input pull-up/pull down
resistance
30
50
75
KΩ
Vout=0~
VCCIO
Iout(VCCIO=3.3V)
Output drive strength
10
-
-
mA
Total current
Iout(VCCIO=2.5V)
Output drive strength
9.4
-
-
mA
Total current
Iout(VCCIO=1.8V)
Output drive strength
5.0
-
-
mA
Total current
Cp
Pin Capacitance
-
-
2.0
pF
Table 5.4 DC Characteristics for I/O Interface (Except USB PHY pins)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com