Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT600Q-B-R Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # FT600Q-B-R
Description  FT600Q-FT601Q IC Datasheet (USB 3.0 to FIFO Bridge)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT600Q-B-R Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button FT600Q-B-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Copyright © Future Technology Devices International Limited
10
FT600Q-FT601Q IC DatasheetDatasheet
Version 1.04
Document No.: FT_001118
Clearance No.: FTDI#424
VCC33
+3.3V power input for chip and internal LDO.
PWR
20,24,3
8
15,19,3
0
DV10
+1.0V power output from internal LDO. Connecting to VD10 and
AVDD, with a 4.7uF cap to ground is recommended.
O
39
31
VD10
+1.0V core voltage input.
PWR
3,30,33,
48
23,26,3
7,50
VCCIO
Power input for I/O block, supports +1.8/+2.5/+3.3V.
PWR
14,49,5
9,68
38,44,5
2
VDDA
+3.3V power input for USB2.0 and USB3.0 PHYs.
PWR
28
22
AVDD
+1.0V power input for PLL.
PWR
2
1
GND
Ground
GND
1,26,
29,36
32,
49,51
Table 3.1 Device pin out Signal descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com