Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT600Q-B-R Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT600Q-B-R
Description  FT600Q-FT601Q IC Datasheet (USB 3.0 to FIFO Bridge)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT600Q-B-R Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT600Q-B-R Datasheet HTML 1Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Copyright © Future Technology Devices International Limited
1
FT600Q-FT601Q IC DatasheetDatasheet
Version 1.04
Document No.: FT_001118
Clearance No.: FTDI#424
Future Technology
Devices International
Ltd.
FT600Q-FT601Q IC
Datasheet
(USB 3.0 to FIFO Bridge)
The FT600/FT601 is a USB 3.0 to FIFO interface
bridge chip with the following advanced features:
Supports USB 3.0 Super Speed (5Gbps)/USB
2.0 High Speed (480Mbps)/USB 2.0 Full
Speed (12Mbps) transfer.
Supported
USB
Transfer
Type:
Control/Bulk/Interrupt
Up to 8 configurable endpoints (PIPEs).
Supports 2 parallel slave FIFO bus protocols
245 and FIFO mode, FT601 with 32 bit
parallel interface has a data bursting rate up
to 400MB/s.
Supports 4 IN channels and 4 OUT channels
on FIFO bus connectivity.
Built-in 16kB FIFO data buffer RAM.
Supports Remote Wakeup capability.
Supports multi voltage I/O: 1.8V, 2.5V and 3.3V.
Configurable GPIO support.
Internal LDO 1.0V regulator.
Integrated power-on-reset circuit.
User programmable USB descriptors.
Supports Battery Charging spec. BC1.2 battery charging
detection.
Available as FT600-16bit/FT601-32bit FIFO interface.
Industrial operating temperature range: -40 to 85⁰C.
Available in compact Pb-free QFN-76(32bit) and QFN-
56(16bit) packages (both RoHS compliant).
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced
in any material or electronic form without the prior written consent of the copyright holder. This product and its documentation are
supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or implied. Future Technology
Devices International Ltd will not accept any claim for damages howsoever arising as a result of use or failure of this product. Your
statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or system in
which the failure of the product might reasonably be expected to result in personal injury. This document provides preliminary
information that may be subject to change without notice. No freedom to use patents or other intellectual property rights is implied by
the publication of this document. Future Technology Devices International Ltd, Unit 1, 2 Seaward Place, Centurion Business Park,
Glasgow G41 1HH United Kingdom. Scotland Registered Company Number: SC136640


Similar Part No. - FT600Q-B-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT600Q-B-T FTDI-FT600Q-B-T Datasheet
1Mb / 33P
USB 3.0 to FIFO Bridge
More results

Similar Description - FT600Q-B-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB9260 TI-TUSB9260_10 Datasheet
154Kb / 21P
USB 3.0 TO SATA BRIDGE
logo
Future Technology Devic...
FT245R FTDI-FT245R_10 Datasheet
772Kb / 37P
USB FIFO IC - Single chip USB to parallel FIFO bidirectional data transfer interface
logo
fujitsu semiconductor
MB86C31 FUJITSU-MB86C31 Datasheet
914Kb / 2P
USB 3.0-SATA Bridge IC
logo
Texas Instruments
TUSB9261 TI-TUSB9261 Datasheet
259Kb / 24P
USB 3.0 TO SATA BRIDGE
TUSB9261IPVP TI1-TUSB9261IPVP Datasheet
247Kb / 25P
USB 3.0 TO SATA BRIDGE
logo
Future Technology Devic...
FT245RL-REEL FTDI-FT245RL-REEL Datasheet
778Kb / 37P
FT245R USB FIFO IC
logo
List of Unclassifed Man...
UMFT60X ETC2-UMFT60X Datasheet
1Mb / 24P
UMFT60x FIFO TO USB 3.0 Bridge Evaluation Board
logo
Texas Instruments
TUSB9261-Q1 TI1-TUSB9261-Q1 Datasheet
934Kb / 24P
USB 3.0 TO SATA BRIDGE
logo
Future Technology Devic...
FT600Q-B-T FTDI-FT600Q-B-T Datasheet
1Mb / 33P
USB 3.0 to FIFO Bridge
FT602Q-T FTDI-FT602Q-T Datasheet
1Mb / 28P
FIFO to USB 3.0 UVC Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com