Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT600Q-B-R Datasheet(PDF) 12 Page - Future Technology Devices International Ltd.

Part # FT600Q-B-R
Description  FT600Q-FT601Q IC Datasheet (USB 3.0 to FIFO Bridge)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT600Q-B-R Datasheet(HTML) 12 Page - Future Technology Devices International Ltd.

Back Button FT600Q-B-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 16Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Copyright © Future Technology Devices International Limited
12
FT600Q-FT601Q IC DatasheetDatasheet
Version 1.04
Document No.: FT_001118
Clearance No.: FTDI#424
Data written into the FIFO using the WR pin is stored in the FIFO TX (transmit) Buffer. The USB host
controller removes data from the FIFO TX Buffer by sending a USB request for data from the device data
IN endpoint. (TX relative to the USB interface).
When the FT600 or FT601 is configured as the 245 Synchronous FIFO bus or 1 channel in the multi-
Channel FIFO bus mode, the FIFO buffer is configured as 4 KB * 2 (double buffered) each on the RX and
TX channels.
When the FT600 or FT601 is configured as 2 channels in the multi-Channel FIFO bus mode, the FIFO
buffer is configured as 2 KB * 2 (double buffered) each on RX and TX channel.
When the FT600 or FT601 is configured as 4 channels in the multi-Channel FIFO bus mode, the FIFO
buffer is configured as 1 KB * 2 (double buffered) each on RX and TX channel.
Internal LDO Regulator.
The LDO regulator generates the +1.0V power supply for driving the internal core of the device. Not to be
used for external devices.
Reset Generator.
The integrated Reset Generator Cell provides a reliable power-on reset to the device internal circuitry at
power up. The RESET_N input pin allows an external device to reset the FT60x. Active low.
Remote Wake Up Function.
If USB is in suspend mode, and remote wake up has been enabled, driving the WAKEUP_N pin to low will
cause the FT60x device to request a resume from suspend on the USB bus. Normally this can be used to
wake up the host PC from suspend.
BCD(Battery Charge Detection) Function.
Supports Battery Charging spec revision 1.2, it is optional for mapping the GPIO pin to indicate the detect
results. Refer to GPIO for the pin configuration in BCD mode.
GPIO (General purpose input and output) pins
GPOI[1:0] are multifunctional pins. The functions are configured by the chip configuration data. The
default chip configuration sets the GPIO pins as FIFO mode configuration input. At the power up, FT600
or FT601 sets the chip to 245 synchronous FIFO mode or multi-channel FIFO modes depending on the
GPIO[1:0] input, details in the table below:
GPIO1
GPIO0
Chip mode
0
0
1 channel, 245 Synchronous FIFO mode
0
1
1 channel, Multi-Channel FIFO mode
1
0
2 channel, Multi-Channel FIFO mode
1
1
4 channel, Multi-Channel FIFO mode
To enable the GPIO function, the chip configuration must be updated to set the GPIO function.
To enable the BCD mode, the chip configuration must be updated to set the BCD mode.
When the FT600 or FT601 is configured to support BCD, the GPIO pins are set to output, output changes
according to BCD detection result.
GPIO1
GPIO0
Chip mode
0
0
No USB connection or BCD detection on going.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com