Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT600Q-B-R Datasheet(PDF) 16 Page - Future Technology Devices International Ltd.

Part # FT600Q-B-R
Description  FT600Q-FT601Q IC Datasheet (USB 3.0 to FIFO Bridge)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT600Q-B-R Datasheet(HTML) 16 Page - Future Technology Devices International Ltd.

Back Button FT600Q-B-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT600Q-B-R Datasheet HTML 20Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Copyright © Future Technology Devices International Limited
16
FT600Q-FT601Q IC DatasheetDatasheet
Version 1.04
Document No.: FT_001118
Clearance No.: FTDI#424
Figure 4.4 Multi-Channel FIFO mode master write transaction 2
The waveform below shows a master read of channel 1 followed by a master write to channel 1.
The channel number is selected in the command phase (DATA[7:0] = h’01 for channel 1 in this case),
and data is transferred on the same data pins multiplexed to a different channel.
Figure 4.5 Multi-Channel FIFO mode master read followed by write transaction
4.3
245 Synchronous FIFO mode Protocols
This FT601 and FT600 slave FIFO bus uses one IN and one OUT FIFO channel while in this mode.
CLK is the clock output to the bus master; it can be configured as 66 MHz or 100 MHz
TXE_N is an output signal, Transmit FIFO Empty. It is active low and when active it indicates the
Transmit FIFO has space and it is ready to receive data from the FIFO master.
RXF_N is an output signal, Receive FIFO Full. It is active low and when active it indicates the Receive
FIFO has data and it is ready to be read by the FIFO master.
OE_N is an input signal, Output Enable. It is active low and when it is driven low by the bus master, the
slave will drive the data and byte enable buses.
WR_N is an input signal, Write Enable. It is active low and when it is driven low by the bus master, the
master has write cycle access.
RD_N is an input signal, Read Enable. It is active low and when it is driven low by the bus master, the
master has read cycle access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com