Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS310 Datasheet(PDF) 5 Page - TT Electronics.

Part # FS310
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS310 Datasheet(HTML) 5 Page - TT Electronics.

  FS310 Datasheet HTML 1Page - TT Electronics. FS310 Datasheet HTML 2Page - TT Electronics. FS310 Datasheet HTML 3Page - TT Electronics. FS310 Datasheet HTML 4Page - TT Electronics. FS310 Datasheet HTML 5Page - TT Electronics. FS310 Datasheet HTML 6Page - TT Electronics. FS310 Datasheet HTML 7Page - TT Electronics. FS310 Datasheet HTML 8Page - TT Electronics. FS310 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 5
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
Electrical/Optical Characteristics
Table 3. Electrical and Optical Operating Characteristics.
Characteristic
Symbol Conditions
Min
Typ
Max
Unit Notes
GENERAL CHARACTERISTICS
Ambient temperature
TA
-40
-
125
°C
1
Thermal shutdown trip point
TjSL
135
150
170
°C
2
Thermal alarm trip point
TjAL
X = TALM<3:0>
195-9.5X
200-9X
205-8.5X
°C
3
Supply voltage
VDD, VDDA
2.97
3.30
3.60
V
4
Supply voltage power-up time
tPU
From 0.1V to (VDDA, VDD – 0.1V)
100
us
Wake-up time
tWU
MODE = 0
2.5
ms
MODE = 1
95.5
ms
Active current (analog)
IDDA
QCFG=0x00; f=1kHz
9.0
12.0
mA
4, 5
Active current (digital)
IDD
QCFG=0x13; f=1kHz
2.0
mA
4, 5
PHOTODIODES
Wavelength of incident power
λ
400
950
nm
QUADRATURE-TRACK DIGITAL CHARACTERISTICS
Output high current
IOH:QD
QCFG<4> = 1; VOH = VDD - 0.4V
-15
mA
6
Output low current
IOL:QD
QCFG<4> = 1; VOL = 0.4V
28
mA
Output high short-circuit current
limit
IOHL:QD
QCFG<4> = 1; Pin shorted to VSS
-50
mA
6
Output low short-circuit current
limit
IOLL:QD
QCFG<4> = 1; Pin shorted to VDD
90
mA
Output extrinsic fall time
tF:Q
QCFG<4>=1; CL=20pF; 90% to 10% of VDD
10
ns
Output extrinsic rise time
tR:Q
QCFG<4>=1; CL=20pF; 10% to 90% of VDD
10
ns
Digital phase error
εφ
1σ; f≤100kHz; QCFG=0x10 (1x interpolation)
0.4
˚
5, 7, 8,
9
1σ; f≤100kHz; QCFG=0x13 (8x interpolation)
7.5
Duty cycle variation
ΔDQ
1σ; f≤100kHz; QCFG=0x10 (1x interpolation)
0.2
%
5, 8, 9
1σ; f≤100kHz; QCFG=0x13 (8x interpolation)
2
%
Period jitter
ΔτP/τ
1σ; f≤100kHz; QCFG=0x10 (1x interpolation)
0.2
%
5, 8, 9
1σ; f≤100kHz; QCFG=0x13 (8x interpolation)
2
%
Cycle-to-cycle jitter
ΔτCC/τ
1σ; f≤100kHz; QCFG=0x10 (1x interpolation)
0.3
%
5, 8, 9
1σ; f≤100kHz; QCFG=0x13 (8x interpolation)
3
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com