Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS310 Datasheet(PDF) 24 Page - TT Electronics.

Part # FS310
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS310 Datasheet(HTML) 24 Page - TT Electronics.

Back Button FS310 Datasheet HTML 20Page - TT Electronics. FS310 Datasheet HTML 21Page - TT Electronics. FS310 Datasheet HTML 22Page - TT Electronics. FS310 Datasheet HTML 23Page - TT Electronics. FS310 Datasheet HTML 24Page - TT Electronics. FS310 Datasheet HTML 25Page - TT Electronics. FS310 Datasheet HTML 26Page - TT Electronics. FS310 Datasheet HTML 27Page - TT Electronics. FS310 Datasheet HTML 28Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 24
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
Finally, the voltage gain of the second-stage buffers in both the A and B paths can be changed under the control of the
TQM2 trim register. The buffer gain can be set to 4 (power-up default), 6, 8, 12, 16, 24, 32, 48 or 64. Changing the TQM2
setting changes the gains of both the A+/A- buffer and the B+/B- buffer together.
Offset Trim Register A (TDCA: [0x0880])
Table 14. TDCA register definition
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
RSVD
SDCA
MDCA
Table 15. TDCA field description
Bits
Description
MDCA
Magnitude: 4nA/LSB added to A+/A- transimpedance amplifier input selected by SDCA bit
SDCA
Sign bit: Selects whether extra current is to be added to positive- or negative-sense aggregated
photocurrent input to A+/A- transimpedance amplifier
0:
Add current to A- aggregated photocurrent
1:
Add current to A+ aggregated photocurrent
RSVD
Reserved for future use
Offset Trim Register B (TDCB: [0x0881])
Table 16. TDCB register definition
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
RSVD
SDCB
MDCB
Table 17. TDCB field description
Bits
Description
MDCB
Magnitude: 4nA/LSB added to B+/B- transimpedance amplifier input selected by SDCA bit
SDCB
Sign bit: Selects whether extra current is to be added to positive- or negative-sense aggregated
photocurrent input to B+/B- transimpedance amplifier
0:
Add current to B- aggregated photocurrent
1:
Add current to B+ aggregated photocurrent
RSVD
Reserved for future use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com