Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS310 Datasheet(PDF) 8 Page - TT Electronics.

Part # FS310
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS310 Datasheet(HTML) 8 Page - TT Electronics.

Back Button FS310 Datasheet HTML 4Page - TT Electronics. FS310 Datasheet HTML 5Page - TT Electronics. FS310 Datasheet HTML 6Page - TT Electronics. FS310 Datasheet HTML 7Page - TT Electronics. FS310 Datasheet HTML 8Page - TT Electronics. FS310 Datasheet HTML 9Page - TT Electronics. FS310 Datasheet HTML 10Page - TT Electronics. FS310 Datasheet HTML 11Page - TT Electronics. FS310 Datasheet HTML 12Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 8
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
3
Tj > TjAL causes the interrupt status bit INTR<5> to be set to 'b1 and the IRQZ pin level to be driven to 'b0 if the
interrupt mask bit INTR<1> is 'b1 but does NOT disable output drivers nor turn off on-chip static current consumption.
Once the alarm threshold is tripped, the effects persist until the user executes an I2C read access to the INTR register or
until a power-on reset event occurs.
4
The specified supply current for a particular supply (VDD or VDDA) refers to the sum of the currents sunk by all pins
connected to that supply since there are multiple pins for each supply.
5
Configured to produce 1Vp-p quad-track analog voltages with as close zero differential DC offset as possible; low-noise
mode (ZCFG<6> = 1) unless otherwise indicated.
6
Negative value implies current is flowing out of the pin.
7
Assuming photocurrents are perfect sinusoids in perfect quadrature - i.e. negligible THD attributable to non-ideality in
pixel pattern or mechanical effects.
8
Deviation from 90° of phase difference between differential A and B analog output voltages or between AOUT_P_DIG
and BOUT_P_DIG.
9
With reference to Figure 3
10
Measurable only by placing a low-impedance current meter between LEDK and LEDC pins at the package level or by
measuring the current into LEDA. Room temperature is assumed for typical conditions and 125°C is assumed for max
conditions.
11
Nominal value of 1 LSB is 0.6mA.
τP
τCC
τCC
DQ
τφ
τφ
τφ
AOUTP_DIG
BOUTP_DIG
Figure 3: Jitter specification diagram; with τP as time period, τCC as a similar time used to calculate cycle-to-cycle jitter, DQ as
the duty cycle, and τΦ as time of the phase difference between A and B. The phase error, εΦ, can be calculated as
360(τΦ/τP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com