Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS310 Datasheet(PDF) 25 Page - TT Electronics.

Part # FS310
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS310 Datasheet(HTML) 25 Page - TT Electronics.

Back Button FS310 Datasheet HTML 21Page - TT Electronics. FS310 Datasheet HTML 22Page - TT Electronics. FS310 Datasheet HTML 23Page - TT Electronics. FS310 Datasheet HTML 24Page - TT Electronics. FS310 Datasheet HTML 25Page - TT Electronics. FS310 Datasheet HTML 26Page - TT Electronics. FS310 Datasheet HTML 27Page - TT Electronics. FS310 Datasheet HTML 28Page - TT Electronics. FS310 Datasheet HTML 29Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 25
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
Magnitude Trim Register 1 (TQM1: [0x0882])
Table 18. TQM1 register definition
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
RSVD
SQM1
MQM1
Table 19. TQM1 field description
Bits
Description
MQM1
Magnitude: Feedback transimpedance resistance around selected TIA reduced by 5%/LSB
SQM1
Select bit: Selects the TIA whose feedback transresistances should be reduced
0:
Reduce B+/B- feedback transresistance
1:
Reduce A+/A- feedback transresistance
RSVD
Reserved for future use
Magnitude Trim Register 2 (TQM2: [0x0883])
Table 20. TQM2 register definition
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
RSVD
MQM2
Table 21. TQM2 field description
Bits
Description
MQM2
Magnitude: Identically sets A+/A- and B+/B- buffer gains
0000: Gain = 4
0011: Gain = 12
0110: Gain = 32
0001: Gain = 6
0100: Gain = 16
0111: Gain = 48
0010: Gain = 8
0101: Gain = 24
1xxx: Gain = 64
RSVD
Reserved for future use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com