Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS310 Datasheet(PDF) 34 Page - TT Electronics.

Part # FS310
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS310 Datasheet(HTML) 34 Page - TT Electronics.

Back Button FS310 Datasheet HTML 30Page - TT Electronics. FS310 Datasheet HTML 31Page - TT Electronics. FS310 Datasheet HTML 32Page - TT Electronics. FS310 Datasheet HTML 33Page - TT Electronics. FS310 Datasheet HTML 34Page - TT Electronics. FS310 Datasheet HTML 35Page - TT Electronics. FS310 Datasheet HTML 36Page - TT Electronics. FS310 Datasheet HTML 37Page - TT Electronics. FS310 Datasheet HTML 38Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 34
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
The FS210/FS310 acknowledges (A) each byte successfully matched slave address and after every byte during a slave write
sequence. If the slave address embedded in the SA-W byte does not match the slave address assigned to the FS210/FS310,
then the device negative-acknowledges (A\) the SA-W byte and all subsequent bytes until the next detected start (S)
condition.
For a Write Memory command sequence, the I2C bus master should follow the slave address immediately (with no
intervening stop, start, or start-repeat condition) by a 2-byte register address (LSB first) and then a series of data bytes,
each of which is acknowledged (A) by the FS210/FS310. The first such data byte is stored in the device register specified by
the 2-byte target address in the preamble. Subsequent data bytes, if any, are stored at consecutively increasing register
addresses. After the last data byte is transmitted, the I2C bus master should transmit a stop condition (P) to terminate the
Slave Write sequence. This sequence is depicted graphically in the figure below, where elements in black indicate
transmission from the I2C bus master to the device and elements in blue indicate transmission from the device to the I2C
bus master.
S
A
A
Reg Addr
LS Byte
A
SA-W
Reg Addr
MS Byte
Data
A
...
Data
A P
Figure 12: Write Memory Command Sequence
For a Read Memory command sequence, the I2C bus master should issue a slave write followed by the 2-byte register
address, a Stop (S) condition, then a “Slave Address – Read” (SA-R) byte (assigned 7-bit I2C slave address a “Read” direction
bit appended at the least-significant end, or ‘h63), which the FS210/FS310 acknowledges (A), provided the 7-bit slave
address embedded in the SA-R byte matches that assigned to the device (0110001b) and which it negative-acknowledges
(A\) otherwise. Following the SA-R byte, the device transmits a series of data bytes, of which the first is the contents of the
register at the target address specified in the 3-byte preamble and of which subsequent bytes, if any, are the contents of
registers at consecutively increasing addresses. The I2C bus master should acknowledge (A) a data byte if it is not the last
data byte intended to be read, and it should negative-acknowledge (A\) the last data byte it intends to read. After such a
negative-acknowledgement from the I2C bus master, the device ignores all I2C traffic until the next start or start-repeat
condition is issued.
CAUTION: The I2C Repeated Start (Sr) command is not implemented on the FS210/FS310. Any usage of the Repeated Start
will give undefined behavior.
S
A
A
Reg Addr
LS Byte
A
SA-W
Reg Addr
MS Byte
Data
A
...
Data
A\ P
P S
SA-R
A
Figure 13: Read Memory Command Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com