Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS310 Datasheet(PDF) 28 Page - TT Electronics.

Part # FS310
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS310 Datasheet(HTML) 28 Page - TT Electronics.

Back Button FS310 Datasheet HTML 24Page - TT Electronics. FS310 Datasheet HTML 25Page - TT Electronics. FS310 Datasheet HTML 26Page - TT Electronics. FS310 Datasheet HTML 27Page - TT Electronics. FS310 Datasheet HTML 28Page - TT Electronics. FS310 Datasheet HTML 29Page - TT Electronics. FS310 Datasheet HTML 30Page - TT Electronics. FS310 Datasheet HTML 31Page - TT Electronics. FS310 Datasheet HTML 32Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 28
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
Table 27. LEDLV field description
Bits
Description
ILKR
Actual LEDK drive current; 0.6mA/LSB nominally; equal to ILK if C_OZ = 0
C_OZR
Read-only duplicate of C_OZ bit in ILED register
Alarm Control
• Four types of events cause the FS210/FS310 to register an alarm condition when detected:
o
Power-up sequence initiated. (Alarm condition ends when power-up sequence is complete.)
o
Control loop out of regulation for closed-loop LED-drive control. (Alarm condition ends when control loop re-
enters regulation.)
o
On-chip junction temperature exceeds a user-configurable alarm trip point. (Alarm condition ends when
junction temperature falls below thermal-alarm trip point.)
o
On-chip junction temperature exceeds approximately 165°C, at which point the device might suffer damage.
(Power-cycling required to terminate alarm condition, even if junction temperature falls below 165°C.)
• The presence of an alarm condition causes the corresponding status bit in the INTR register to be set to 1. The
status bit is cleared to 0 only upon an I2C read access to INTR or upon a power-on reset. The disappearance of the
alarm condition alone, without such an I2C read access or POR event, is insufficient to clear an interrupt status bit to
0. Additionally, the presence of a (Tj > 165°C) alarm condition, because it suggests excessive power dissipation,
causes all current-consuming circuitry in the device to be shut off. Accordingly, this alarm condition is termed a
thermal-shutdown alarm condition.
• Unmasked alarm conditions cause the device’s open-drain IRQZ pin to be driven low; masked alarm conditions
cause no activity on the IRQZ pin. Power-on-sequence alarm conditions are unmaskable and therefore always
cause IRQZ to be driven low. The other three alarm conditions are masked (and therefore cause no IRQZ activity) if
the corresponding mask bit in the INTR register is cleared to 0 and unmasked (and therefore do cause IRQZ activity)
if the corresponding mask bit in INTR is set to 1. IRQZ is driven low only for as long as an unmasked alarm condition
persists: the termination of an unmasked alarm condition causes the device to release the IRQZ pin, even though
the corresponding INTR status bit stays set to 1 until an I2C read access or POR event.
Thermal Alarm Register (TALM: [0x0888])
Table 28. TALM register definition.
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
TTRM
TASET
Table 29. TALM field description.
Bits
Description
TASET
Thermal alarm trip point encoding: Trip point (TjAL) = 200°C – 9°/LSB
TTRM
Thermal accuracy trim (An I2C write access to TALM to change TASET should be preceded by an I2C
read access to ascertain the state of TTRM so that the I2C write access does not change TTRM.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com