Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS310 Datasheet(PDF) 3 Page - TT Electronics.

Part # FS310
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS310 Datasheet(HTML) 3 Page - TT Electronics.

  FS310 Datasheet HTML 1Page - TT Electronics. FS310 Datasheet HTML 2Page - TT Electronics. FS310 Datasheet HTML 3Page - TT Electronics. FS310 Datasheet HTML 4Page - TT Electronics. FS310 Datasheet HTML 5Page - TT Electronics. FS310 Datasheet HTML 6Page - TT Electronics. FS310 Datasheet HTML 7Page - TT Electronics. FS310 Datasheet HTML 8Page - TT Electronics. FS310 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 3
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
Pin Descriptions
Table 1: Pin Description
Pin Number
Pin Name
Description
1
IPTAT
Analog temperature-sense current output:
[0x88D] bits <5:4> = 11b: Current sunk (into the pin) is proportional to
absolute temperature.
[0x88D] bits <5:4> = 00b: Output is floating.
2, 3
AMPL2_P,
AMPL2_N
Analog amplitude-check voltage differential output:
[0x88D] bits <5:4> = 11b: Difference of two pin voltages is the sum of the
squares of the A and B quadrature amplitudes.
[0x88D] bits <5:4> = 00b: Outputs are floating.
4, 13, 25, 26
DNC
DO NOT CONNECT
5
DNC/LEDA
LED anode (must connect off-chip to VDDA), FS310 only
6
DNC/LEDC
LED cathode (must connect to LEDK), FS310 only
7
LEDK
LED drive current source (must connect to LEDC on FS310)
8
VSSL
Ground return for LED drive current
9
MODE
Digital input to select between I2C master or slave setting at power-up:
Logic-0: Slave mode selected
Logic-1: Master mode selected
10
SDA
Open-drain I2C data
11
SCL
Open-drain I2C clock
12
IRQZ
Open-drain system interrupt output
14, 16
VSS
Digital ground connection (must connect to both at board level)
15
VDD
Digital positive voltage supply
17
AOUT_P_DIG
Digital quadrature-track positive-sense A (cosine) output
18
AOUT_N_DIG
Digital quadrature-track negative-sense A (cosine) output
19
BOUT_P_DIG
Digital quadrature-track positive-sense B (sine) output
20
BOUT_N_DIG
Digital quadrature-track negative-sense B (sine) output
21
ZOUT_N
Digital negative-sense index-track output
22
ZOUT_P
Digital positive-sense Index track output
23
VDDA
Analog positive voltage supply
24, 27
VSSA
Analog ground connection (must connect to both at board level)
28
AOUT_P_ANA
Analog quadrature-track positive-sense A (cosine) output
29
AOUT_N_ANA
Analog quadrature-track negative-sense A (cosine) output
30
BOUT_P_ANA
Analog quadrature-track positive-sense B (sine) output
31
BOUT_N_ANA
Analog quadrature-track negative-sense B (sine) output
32
VDDA
Analog positive voltage supply
EP_GND
VSS
Exposed backside thermal pad (must connect to pins 14, 16 at board level)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com