Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS310 Datasheet(PDF) 1 Page - TT Electronics.

Part # FS310
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS310 Datasheet(HTML) 1 Page - TT Electronics.

  FS310 Datasheet HTML 1Page - TT Electronics. FS310 Datasheet HTML 2Page - TT Electronics. FS310 Datasheet HTML 3Page - TT Electronics. FS310 Datasheet HTML 4Page - TT Electronics. FS310 Datasheet HTML 5Page - TT Electronics. FS310 Datasheet HTML 6Page - TT Electronics. FS310 Datasheet HTML 7Page - TT Electronics. FS310 Datasheet HTML 8Page - TT Electronics. FS310 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 1
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
Description:
The FS210/FS310 contains a revolutionary optical sensor array
that can be programmed to operate with a wide range of code-
wheel diameters, including linear strips, and resolutions. This
programmable sensor is packaged standalone in a compact Opto-
QFN package for the FS210, and a near-IR LED is combined with
the sensor in the same package for the FS310. With unparalleled
flexibility and versatility in a robust, subcompact package, with
closed-loop LED driver control, with on-chip interpolation, and
with support for automated alignment and configuration, the
FlexSenseTM products redefine flexibility.
How we help you:
• Accelerate time-to-market by reducing engineering cost and
effort
• Reduce portfolio complexity with a “one-size-fits-many”
solution
• Increase manufacturing throughput and cost efficiency
• Promote product innovation
Features and Benefits:
• Incremental optical encoder sensor IC in 32-pin 5mm x 5mm x 0.65mm OQFN package
• Both transmissive (FS210) and reflective (FS310) variants available.
• User-programmable, high-resolution photosensor pixel array enables quick customization and improves time-to-market.
o
Customizable quadrature- and index-track dimensions
o
Analog or digital quadrature-track output
o
Compatible with code-wheel resolution of up to 635 lines per inch (LPI) with the possibility of resolutions up to
750 LPI (FS310, reflective). Transmissive disks have a maximum of half the resolution (FS210).
• Programmable auto-configuration simplifies assembly and alignment.
• Closed-loop LED drive control
• IR LED embedded in the same package (FS310 only)
• Diagnostic functionality:
o
High-temperature fault (with interrupt signaling feedback)
o
LED-drive control loop out of regulation (with interrupt signaling feedback)
o
Power-on reset (with interrupt signaling feedback)
o
Code-wheel eccentricity
• I2C interface
• -40°C to +125°C ambient operating temperature
• On-chip quad-track interpolation (2x, 4x, 8x) and division (by powers of 2 up to 2,048)
• Quad-track output characteristics at native frequency up to 400kHz:
o
THD ≤ 1.0% on analog outputs
o
Transient noise ≤ 1.0% of signal amplitude on analog outputs at 40mW/cm2 input power density
o
Angular position accuracy ±1 part in 64K, or about 20 arc-seconds at 2048 PPR, on digital outputs
• Single-supply (3.3V ± 10%) operation
FS210
FS310
Near-IR LED Chip


Similar Part No. - FS310

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FS310 FEELING-FS310 Datasheet
122Kb / 13P
SINGLE PHASE DC MOTOR DRIVE IC
FS310LF-A FEELING-FS310LF-A Datasheet
122Kb / 13P
SINGLE PHASE DC MOTOR DRIVE IC
FS310LF-B FEELING-FS310LF-B Datasheet
122Kb / 13P
SINGLE PHASE DC MOTOR DRIVE IC
More results

Similar Description - FS310

ManufacturerPart #DatasheetDescription
logo
CUI INC
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
incremental encoder
MEH20 CUI-MEH20 Datasheet
80Kb / 3P
incremental encoder
MEH30 CUI-MEH30 Datasheet
76Kb / 3P
incremental encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
Incremental Encoder
logo
ams AG
AS5035 AMSCO-AS5035_1 Datasheet
432Kb / 17P
PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
logo
ams AG
AS5035 AMSCO-AS5035_08 Datasheet
870Kb / 18P
PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com