Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512I Datasheet(PDF) 10 Page - SMSC Corporation

Part # USB2512I
Description  Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512I Datasheet(HTML) 10 Page - SMSC Corporation

Back Button USB2512I Datasheet HTML 6Page - SMSC Corporation USB2512I Datasheet HTML 7Page - SMSC Corporation USB2512I Datasheet HTML 8Page - SMSC Corporation USB2512I Datasheet HTML 9Page - SMSC Corporation USB2512I Datasheet HTML 10Page - SMSC Corporation USB2512I Datasheet HTML 11Page - SMSC Corporation USB2512I Datasheet HTML 12Page - SMSC Corporation USB2512I Datasheet HTML 13Page - SMSC Corporation USB2512I Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
Datasheet
Revision 1.92 (11-28-07)
10
SMSC USB2512i
DATASHEET
XTAL2
32
OCLKx
Crystal Output
24MHz Crystal
This is the other terminal of the crystal, or a NO-CONNECT
when an external clock source is used to drive XTAL1/CLKIN.
This output must not be used to drive any external circuitry
other than the crystal circuit.
RESET_N
26
IS
RESET Input
The system can reset the chip by driving this input low. The
minimum active low pulse is 1 us.
When the RESET_N pin is pulled to VDD33, the internal POR
(Power on Reset) is enabled and no external reset circuitry is
required. The internal POR holds the internal logic in reset until
the power supplies are stable.
SUSP_IND/
LOCAL_PWR/
NON_REM0
28
I/O
Active/Suspend status LED or Local-Power & Non Removable
Strap Option
Suspend Indicator: Indicates USB state of the hub.
‘negated’ = Unconfigured, or configured and in USB Suspend
‘asserted’ = Hub is configured, and is active (i.e., not in
suspend)
Local Power: Detects availability of local self-power source.
Low = Self/local power source is NOT available (i.e., Hub gets
all power from Upstream USB VBus).
High = Self/local power source is available.
NON_REM0 Strap Option:
If this strap is enabled by package and configuration settings
(see Table 3.2), this pin will be sampled (in conjunction with
NON_REM1) at RESET_N negation to determine if ports [2:1]
contain permanently attached (non-removable) devices. Also,
the active state of the LED
will be determined as follows:
NON_REM[1:0] = ‘00’, All ports are removable, and the LED is
active high
NON_REM[1:0] = ‘01’, Port 1 is nonremovable, and the LED is
active low
NON_REM[1:0] = ‘10’, Ports 1 & 2 are non-removable, and the
LED is active high
NON_REM[1:0] = ‘11’, Ports 1 & 2 are non-removable, and the
LED is active low
TEST
11
IPD
TEST pin
Used for testing the chip. User must treat as a no-connect or
connect to ground.
Table 3.2 SMBus or EEPROM Interface Behavior
CFG_SEL1
CFG_SEL0
SMBUS OR EEPROM INTERFACE BEHAVIOR
0
0
Internal Default Configuration
Strap Options Enabled
Table 3.1 USB2512i Pin Descriptions (continued)
SYMBOL
QFN-36
EMB
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com