Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512I Datasheet(PDF) 8 Page - SMSC Corporation

Part # USB2512I
Description  Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512I Datasheet(HTML) 8 Page - SMSC Corporation

Back Button USB2512I Datasheet HTML 4Page - SMSC Corporation USB2512I Datasheet HTML 5Page - SMSC Corporation USB2512I Datasheet HTML 6Page - SMSC Corporation USB2512I Datasheet HTML 7Page - SMSC Corporation USB2512I Datasheet HTML 8Page - SMSC Corporation USB2512I Datasheet HTML 9Page - SMSC Corporation USB2512I Datasheet HTML 10Page - SMSC Corporation USB2512I Datasheet HTML 11Page - SMSC Corporation USB2512I Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
Datasheet
Revision 1.92 (11-28-07)
8
SMSC USB2512i
DATASHEET
Chapter 3 Pin Descriptions
3.1
PIN Descriptions
This section provides a detailed description of each signal. The signals are arranged in functional
groups according to their associated interface.
The “N” symbol in the signal name indicates that the active, or asserted, state occurs when the signal
is at a low voltage level. When “N” is not present before the signal name, the signal is asserted when
at the high voltage level.
The terms assertion and negation are used exclusively. This is done to avoid confusion when working
with a mixture of “active low” and “active high” signals. The term assert, or assertion, indicates that a
signal is active, independent of whether that level is represented by a high or low voltage. The term
negate, or negation, indicates that a signal is inactive.
Table 3.1 USB2512i Pin Descriptions
SYMBOL
QFN-36
EMB
BUFFER
TYPE
DESCRIPTION
UPSTREAM USB INTERFACES
USBUP_DP
USBUP_DM
31
30
IO-U
USB Bus Data
These pins connect to the upstream USB bus data signals
(Host port, or upstream hub).
VBUS_DET
27
I/O12
Detect Upstream VBUS Power
Detects state of Upstream VBUS power. The SMSC Hub
monitors VBUS_DET to determine when to assert the internal
D+ pull-up resistor (signaling a connect event).
When designing a detachable hub, this pin must be connected
to the VBUS power pin of the USB port that is upstream of the
hub.
For self-powered applications with a permanently attached
host, this pin must be connected to 3.3V (typically VDD33).
DOWNSTREAM 2-PORT USB 2.0 INTERFACE
USBDN_DP[2:1]/
&
USBDN_DM[2:1]/
4
2
IO-U
High-Speed USB Data
These pins connect to the downstream USB peripheral devices
attached to the hub’s port.
3
1
PRTPWR[2:1]
16
12
O12
USB Power Enable
Enables power to USB peripheral devices downstream.
Note: The hub supports active high power controllers only!
OCS[2:1]_N
17
13
IPU
Over Current Sense
Input from external current monitor indicating an over-current
condition.
{Note: Contains internal pull-up to 3.3V supply}
RBIAS
35
I-R
USB Transceiver Bias
A 12.0k
Ω (+/- 1%) resistor is attached from ground to this pin
to set the transceiver’s internal bias settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com