Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512I Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB2512I
Description  Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512I Datasheet(HTML) 1 Page - SMSC Corporation

  USB2512I Datasheet HTML 1Page - SMSC Corporation USB2512I Datasheet HTML 2Page - SMSC Corporation USB2512I Datasheet HTML 3Page - SMSC Corporation USB2512I Datasheet HTML 4Page - SMSC Corporation USB2512I Datasheet HTML 5Page - SMSC Corporation USB2512I Datasheet HTML 6Page - SMSC Corporation USB2512I Datasheet HTML 7Page - SMSC Corporation USB2512I Datasheet HTML 8Page - SMSC Corporation USB2512I Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
SMSC USB2512i
DATASHEET
Revision 1.92 (11-28-07)
Datasheet
PRODUCT FEATURES
USB2512i
Industrial Temperature
Rated USB 2.0 High-Speed
2-Port Hub Controller
General Description
Th e SMSC 2-Port Hub is a low po wer, OEM
configurable, STT (Single transaction translator) hub
controller IC with 2 downstream ports for embedded
USB solutions. The 2-port hub is fully compliant with the
USB 2.0 Specification and will attach to an upstream
port as a Full-Speed Hub or as a Full-/High-Speed Hub.
The 2-Port Hub supports Low-Speed, Full- Speed, and
High-Speed (if operating as a High-Speed Hub)
downstream devices on all of the enabled downstream
ports.
General Features
Hub Controller IC with 2 downstream ports
Enhanced OEM configuration options available
through either a single serial I2C EEPROM, or
SMBus Slave Port
36-pin (6x6mm) QFN lead-free, RoHS compliant
package
Supports industrial temperature range of -40ºC - 85ºC
Hardware Features
Low power operation
Full Power Management with individual or ganged
power control of each downstream port
On-chip Power On Reset (POR)
Internal 1.8V Voltage Regulator
Fully integrated USB termination and Pull-up/Pull-
down resistors
On Board 24MHz Crystal Driver, Resonator or
External 24MHz clock input
Enhanced EMI rejection and ESD protection
performance
OEM Selectable Features
Customize Vendor ID, Product ID, and Device ID
Select whether the hub is part of a compound device
(When any downstream port is permanently
hardwired to a USB peripheral device, the hub is part
of a compound device)
Flexible port mapping and disable sequence. Ports
can be disabled/reordered in any order to support
multiple product SKUs. Hub will automatically reorder
the remaining ports to match the Host controller's
numbering scheme.
Programmable USB differential-pair pin location.
Ease PCB layout by aligning USB signal lines directly
to connectors
Programmable USB signal drive strength. Recover
USB signal integrity due to compromised system
environment using 2-level driving strength resolution
Select the presence of a permanently hardwired USB
peripheral device on a port by port basis
Configure the delay time for filtering the over-current
sense inputs
Configure the delay time for turning on downstream
port power
Indicate the maximum current that the 2-port hub
consumes from the USB upstream port
Indicate the maximum current required for the hub
controller
Pin Selectable Options for Default Configuration
— Select Downstream Ports as Non-Removable Ports
Applications
LCD monitors and TVs
Multi-function USB peripherals
PC mother boards
Set-top boxes, DVD players, DVR/PVR
Printers and scanners
PC media drive bay
Portable hub boxes
Mobile PC docking
Embedded systems


Similar Part No. - USB2512I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB2512I MICROCHIP-USB2512I Datasheet
861Kb / 63P
USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
USB2512I MICROCHIP-USB2512I Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2512I MICROCHIP-USB2512I Datasheet
1,017Kb / 57P
USB 2.0 Hi-Speed Hub Controller
10-20-15
USB2512I MICROCHIP-USB2512I Datasheet
810Kb / 57P
USB 2.0 Hi-Speed Hub Controller
2010 - 2015
logo
SMSC Corporation
USB2512i-AEZG SMSC-USB2512i-AEZG Datasheet
1Mb / 72P
USB 2.0 Hi-Speed Hub Controller
More results

Similar Description - USB2512I

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2502 SMSC-USB2502 Datasheet
1Mb / 44P
2-Port USB 2.0 Hub Controller
USB2512 SMSC-USB2512 Datasheet
846Kb / 37P
USB 2.0 High-Speed 2-Port Hub Controller
USB2513I SMSC-USB2513I Datasheet
999Kb / 48P
Industrial Temperature Rated USB 2.0 High-Speed 3-Port Hub Controller
USB2514I SMSC-USB2514I Datasheet
1,011Kb / 49P
Industrial Temperature Rated USB 2.0 High-Speed 4-Port Hub Controller
USB2422 SMSC-USB2422 Datasheet
771Kb / 51P
2-Port USB 2.0 Hi-Speed Hub Controller
USB2532 SMSC-USB2532 Datasheet
880Kb / 60P
USB 2.0 Hi-Speed 2-Port Hub Controller
USB2412-DZK SMSC-USB2412-DZK Datasheet
643Kb / 27P
2-Port USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2532 MICROCHIP-USB2532 Datasheet
535Kb / 50P
USB 2.0 Hi-Speed 2-Port Hub Controller
03/25/14
USB2422 MICROCHIP-USB2422 Datasheet
510Kb / 47P
2-Port USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2502 MICROCHIP-USB2502 Datasheet
698Kb / 40P
2-Port USB 2.0 Hub Controller
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com