Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512I Datasheet(PDF) 7 Page - SMSC Corporation

Part # USB2512I
Description  Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512I Datasheet(HTML) 7 Page - SMSC Corporation

Back Button USB2512I Datasheet HTML 3Page - SMSC Corporation USB2512I Datasheet HTML 4Page - SMSC Corporation USB2512I Datasheet HTML 5Page - SMSC Corporation USB2512I Datasheet HTML 6Page - SMSC Corporation USB2512I Datasheet HTML 7Page - SMSC Corporation USB2512I Datasheet HTML 8Page - SMSC Corporation USB2512I Datasheet HTML 9Page - SMSC Corporation USB2512I Datasheet HTML 10Page - SMSC Corporation USB2512I Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
Datasheet
SMSC USB2512i
7
Revision 1.92 (11-28-07)
DATASHEET
Chapter 2 Block Diagram
Figure 2.1 USB2512i Block Diagram
To U pstream
V BUS
3.3V
U p stream
PH Y
Upstream US B
Data
R ep eater
Co ntroller
SIE
Serial
In terface
PLL
24 M H z C rystal
T o EEPR O M or
S M B us M aster
R o uting & P ort R e -O rd ering Log ic
SC K
SD
TT
Po rt
C ontroller
Bus -P o w er
D etect/V BUS
Pulse
1.8 V
1.8V R eg
PH Y#1
Port #1
OC
Sense
Sw itch
Driver
LE D
Drivers
PH Y #2
Port #2
OC
Sense
Sw itch
Driver
LED
D rivers
US B Data
Downstream
OC S ense
Sw itch/LED
Drivers
U SB D ata
Downstream
OC S ense
Switch/LE D
Drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com