Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512I Datasheet(PDF) 36 Page - SMSC Corporation

Part # USB2512I
Description  Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512I Datasheet(HTML) 36 Page - SMSC Corporation

Back Button USB2512I Datasheet HTML 29Page - SMSC Corporation USB2512I Datasheet HTML 30Page - SMSC Corporation USB2512I Datasheet HTML 31Page - SMSC Corporation USB2512I Datasheet HTML 32Page - SMSC Corporation USB2512I Datasheet HTML 33Page - SMSC Corporation USB2512I Datasheet HTML 34Page - SMSC Corporation USB2512I Datasheet HTML 35Page - SMSC Corporation USB2512I Datasheet HTML 36Page - SMSC Corporation USB2512I Datasheet HTML 37Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
Datasheet
Revision 1.92 (11-28-07)
36
SMSC USB2512i
DATASHEET
Chapter 6 AC Specifications
6.1
Oscillator/Clock
Crystal: Parallel Resonant, Fundamental Mode, 24 MHz
±350ppm.
External Clock: 50% Duty cycle
± 10%, 24 MHz ± 350ppm, Jitter < 100ps rms.
Figure 6.1 Typical Crystal Circuit
Note: CB equals total board/trace capacitance.
Figure 6.2 Formula to find value of C1 and C2
6.1.1
SMBus Interface:
The SMSC Hub conforms to all voltage, power, and timing characteristics and specifications as set
forth in the SMBus 1.0 Specification for Slave-Only devices (except as noted in Section 4.3).
6.1.2
I2C EEPROM:
Frequency is fixed at 58.6KHz
± 20%.
6.1.3
USB 2.0
The SMSC Hub conforms to all voltage, power, and timing characteristics and specifications as set
forth in the USB 2.0 Specification. Please refer to the USB 2.0 Specification for more information.
XTAL1
(CS1 =
CB + CXTAL )
XTAL2
(CS2 =
CB + CXTAL )
C1
C2
CL
1Meg
Crystal
(C1 + CS1) x (C2 + CS2)
(C1 + CS1 + C2 + CS2)
CL
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com