Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512I Datasheet(PDF) 9 Page - SMSC Corporation

Part # USB2512I
Description  Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512I Datasheet(HTML) 9 Page - SMSC Corporation

Back Button USB2512I Datasheet HTML 5Page - SMSC Corporation USB2512I Datasheet HTML 6Page - SMSC Corporation USB2512I Datasheet HTML 7Page - SMSC Corporation USB2512I Datasheet HTML 8Page - SMSC Corporation USB2512I Datasheet HTML 9Page - SMSC Corporation USB2512I Datasheet HTML 10Page - SMSC Corporation USB2512I Datasheet HTML 11Page - SMSC Corporation USB2512I Datasheet HTML 12Page - SMSC Corporation USB2512I Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
Datasheet
SMSC USB2512i
9
Revision 1.92 (11-28-07)
DATASHEET
SERIAL PORT INTERFACE
SDA/
SMBDATA/
NON_REM1
22
I/OSD12
Serial Data / SMB Data & Port Non Removable Strap Option
NON_REM1: Non removable port strap
option.
If this strap is enabled by package and configuration settings
(see Table 3.2), this pin will be sampled (in conjunction
with LOCAL_PWR/SUSP_IND/NON_REM0) at RESET_N
negation to determine if imports [2:1] contain permanently
attached
(non-removable) devices:
NON_REM[1:0] = ‘00’, All ports are removable.
NON_REM[1:0] = ‘01’, Port 1 is nonremovable.
NON_REM[1:0] = ‘10’, Ports 1 & 2 are non-removable.
NON_REM[1:0] = ‘11’, Ports 1 & 2 are non-removable.
SCL/
SMBCLK/
CFG_SEL0
24
I/OSD12
Serial Clock (SCL)
SMBus Clock (SMBCLK)
Configuration Select_SEL0: The logic state of this multifunction
pin is internally latched on the rising edge of RESET_N
(RESET_N negation), and will determine the hub configuration
method as described in Table 3.2, "SMBus or EEPROM
Interface Behavior".
HS_IND/
CFG_SEL1
25
I/O12
High-Speed Upstream port indictor & Configuration
Programming Select
HS_IND: High Speed Indicator for upstream port connection
speed.
The active state of the LED will be determined as follows:
CFG_SEL1 = ‘0’,
HS_IND is active high,
CFG_SEL1 = ‘1’,
HS_IND is active low,
‘Asserted’ = Hub is connected at HS
‘Negated’ = Hub is connected at FS
CFG_SEL1: The logic state of this pin is internally latched on
the rising edge of RESET_N (RESET_N negation), and will
determine the hub configuration method as described in
Table 3.2, "SMBus or EEPROM Interface Behavior".
MISC
XTAL1/
CLKIN
33
ICLKx
Crystal Input/External Clock Input
24MHz crystal or external clock input.
This pin connects to either one terminal of the crystal or to an
external 24MHz clock when a crystal is not used.
Table 3.1 USB2512i Pin Descriptions (continued)
SYMBOL
QFN-36
EMB
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com