Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512I Datasheet(PDF) 13 Page - SMSC Corporation

Part # USB2512I
Description  Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512I Datasheet(HTML) 13 Page - SMSC Corporation

Back Button USB2512I Datasheet HTML 9Page - SMSC Corporation USB2512I Datasheet HTML 10Page - SMSC Corporation USB2512I Datasheet HTML 11Page - SMSC Corporation USB2512I Datasheet HTML 12Page - SMSC Corporation USB2512I Datasheet HTML 13Page - SMSC Corporation USB2512I Datasheet HTML 14Page - SMSC Corporation USB2512I Datasheet HTML 15Page - SMSC Corporation USB2512I Datasheet HTML 16Page - SMSC Corporation USB2512I Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
Datasheet
SMSC USB2512i
13
Revision 1.92 (11-28-07)
DATASHEET
Chapter 4 Configuration Options
4.1
2-Port Hub
SMSC’s USB 2.0 2-Port Hub is fully specification compliant to the Universal Serial Bus Specification
Revision 2.0 April 27,2000 (12/7/2000 and 5/28/2002 Errata). Please reference Chapter 10 (Hub
Specification) for general details regarding Hub operation and functionality.
The 2-Port Hub provides 1 Transaction Translator (TT) that is shared by both downstream ports
(defined as Single-TT configuration), The TT contains 4 non-periodic buffers.
4.1.1
Hub Configuration Options
The SMSC Hub supports a large number of features (some are mutually exclusive), and must be
configured in order to correctly function when attached to a USB host controller. There are three
principal ways to configure the hub: SMBus, EEPROM, or by internal default settings (with or without
pin strapping option over-rides). In all cases, the configuration method will be determined by the
CFG_SEL1 and CFG_SEL0 pins immediately after RESET_N negation.
4.1.1.1
Power Switching Polarity
The hub only supports “active high” port power controllers.
4.1.2
VBus Detect
According to Section 7.2.1 of the USB 2.0 Specification, a downstream port can never provide power
to its D+ or D- pull-up resistors unless the upstream port’s VBUS is in the asserted (powered) state.
The VBUS_DET pin on the Hub monitors the state of the upstream VBUS signal and will not pull-up
the D+ resistor if VBUS is not active. If VBUS goes from an active to an inactive state (Not Powered),
Hub will remove power from the D+ pull-up resistor within 10 seconds.
4.2
EEPROM Interface
The SMSC Hub can be configured via a 2-wire (I2C) EEPROM (256x8). (Please see Table 3.1 for
specific details on how to enable configuration via an I2C EEPROM).
The Internal state-machine will (when configured for EEPROM support) read the external EEPROM for
configuration data. The hub will then “attach” to the upstream USB host.
Note: The Hub does not have the capacity to write, or “Program,” an external EEPROM. The Hub only
has the capability to read external EEPROMs. The external eeprom will be read (even if it is blank or
non-populated), and the hub will be “configured” with the values that are read.
Please see Internal Register Set (Common to EEPROM and SMBus) for a list of data fields available.
4.2.1
Internal Register Set (Common to EEPROM and SMBus)
Table 4.1 Internal Default, EEPROM and SMBus Register Memory Map
REG
ADDR
R/W
REGISTER NAME
ABBR
INTERNAL
DEFAULT ROM
SMBUS AND
EEPROM POR
VALUES
00h
R/W
VID LSB
VIDL
24h
0x00
01h
R/W
VID MSB
VIDM
04h
0x00
02h
R/W
PID LSB
PIDL
12h
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com