Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512I Datasheet(PDF) 32 Page - SMSC Corporation

Part # USB2512I
Description  Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512I Datasheet(HTML) 32 Page - SMSC Corporation

Back Button USB2512I Datasheet HTML 28Page - SMSC Corporation USB2512I Datasheet HTML 29Page - SMSC Corporation USB2512I Datasheet HTML 30Page - SMSC Corporation USB2512I Datasheet HTML 31Page - SMSC Corporation USB2512I Datasheet HTML 32Page - SMSC Corporation USB2512I Datasheet HTML 33Page - SMSC Corporation USB2512I Datasheet HTML 34Page - SMSC Corporation USB2512I Datasheet HTML 35Page - SMSC Corporation USB2512I Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
Datasheet
Revision 1.92 (11-28-07)
32
SMSC USB2512i
DATASHEET
Chapter 5 DC Parameters
5.1
Maximum Guaranteed Ratings
Note: Stresses above the specified parameters could cause permanent damage to the device. This
is a stress rating only and functional operation of the device at any condition above those
indicated in the operation sections of this specification is not implied. When powering this
device from laboratory or system power supplies, it is important that the Absolute Maximum
Ratings not be exceeded or device failure can result. Some power supplies exhibit voltage
spikes on their outputs when the AC power is switched on or off. In addition, voltage transients
on the AC power line may appear on the DC output. When this possibility exists, it is suggested
that a clamp circuit be used.
5.2
Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
MAX
UNITS
COMMENTS
Storage
Temperature
TA
-55
150
°C
Lead
Temperature
325
°C
Soldering < 10 seconds
1.8V supply
voltage
VDDA18PLL,
VDD18
2.5
V
3.3V supply
voltage
VDDA33,
VDD33PLL,
VDD33,
VDD33CR
4.6
V
Voltage on any
I/O pin
-0.5
5.5
V
Voltage on
XTAL1
-0.5
4.0
V
Voltage on
XTAL2
-0.5
3.6
V
PARAMETER
SYMBOL
MIN
MAX
UNITS
COMMENTS
Operating
Temperature
TA
-40
85
°C
1.8V supply voltage
VDDA18PLL
VDD18
1.62
1.98
V
3.3V supply voltage
VDDA33
VDDA33PLL
VDD33
VDD33CR
3.0
3.6
V
Voltage on any I/O pin
-0.3
5.5
V
If any 3.3V supply voltage drops
be lo w 3.0 V, th en th e MAX
becomes:
(3.3V supply voltage) + 0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com