Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM3535
Description  LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3535 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3535 Datasheet HTML 13Page - Texas Instruments LM3535 Datasheet HTML 14Page - Texas Instruments LM3535 Datasheet HTML 15Page - Texas Instruments LM3535 Datasheet HTML 16Page - Texas Instruments LM3535 Datasheet HTML 17Page - Texas Instruments LM3535 Datasheet HTML 18Page - Texas Instruments LM3535 Datasheet HTML 19Page - Texas Instruments LM3535 Datasheet HTML 20Page - Texas Instruments LM3535 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
MSB
LSB
Zone Boundary Registers
Register Address: 0x60, 0x61, 0x62, 0x63
ZB7
bit7
ZB6
bit6
ZB5
bit5
ZB4
bit4
ZB3
bit3
ZB2
bit2
ZB1
bit1
ZB0
bit0
Register Address:
0x60 = Zone Boundary 0
0x61 = Zone Boundary 1
0x62 = zone Boundary 2
0x63 = Zone Boundary 3
MSB
LSB
Internal ALS Resistor Register
Register Address: 0x51
R3
bit7
R2
bit6
R1
bit5
R0
bit4
RFU
bit3
RFU
bit2
RFU
bit1
RFU
bit0
MSB
LSB
ALS Control / SI Rev Register
Register Address: 0x50
ALS-EN
bit7
AVE2
bit6
AVE1
bit5
AVE0
bit4
0
bit3
0
bit2
Rev1
bit1
Rev0
bit0
17
LM3535
www.ti.com
SNVS598B – AUGUST 2010 – REVISED MARCH 2018
Product Folder Links: LM3535
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
Figure 25. ALS Control / Silicon Revision Register Description
Internal Hex Address: 0x50
•
Rev0-Rev1 : Stores the Silicon Revision value. LM3535 = 11
•
AVE2-AVE0: Sets Averaging Time for ALS sampling. Need two to three Averaging periods to make transition
decision. 000 = 25 ms, 001 = 50 ms, 010 = 100 ms 011 = 200 ms, 100 = 400 ms, 101 = 800 ms 110 = 1.6 s,
111 = 3.2s
Figure 26. ALS Resistor Control Register Description
Internal Hex Address: 0x51
•
R0-R3: Sets the internal ALS resistor value
Table 2. Internal ALS Resistor Table
R3
R2
R1
R0
ALS RESISTOR VALUE (
Ω)
0
0
0
0
High Impedance
0
0
0
1
13.6 k
0
0
1
0
9.08 k
0
0
1
1
5.47 k
0
1
0
0
2.32 k
0
1
0
1
1.99 k
0
1
1
0
1.86 k
0
1
1
1
1.65 k
1
0
0
0
1.18 k
1
0
0
1
1.1 k
1
0
1
0
1.06 k
1
0
1
1
986
1
1
0
0
804
1
1
0
1
764
1
1
1
0
745
1
1
1
1
711
Figure 27. Zone Boundary Register Descriptions
•
ZB7-ZB0: Sets Zone Boundary Lines with a Falling ALS voltage.
–
0xFF w/ ALS Falling = 992.3 mV (typical).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com