Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3535
Description  LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3535 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3535 Datasheet HTML 3Page - Texas Instruments LM3535 Datasheet HTML 4Page - Texas Instruments LM3535 Datasheet HTML 5Page - Texas Instruments LM3535 Datasheet HTML 6Page - Texas Instruments LM3535 Datasheet HTML 7Page - Texas Instruments LM3535 Datasheet HTML 8Page - Texas Instruments LM3535 Datasheet HTML 9Page - Texas Instruments LM3535 Datasheet HTML 10Page - Texas Instruments LM3535 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
VIN (V)
4.00
3.50
3.00
2.50
2.00
1.50
1.00
0.50
0.00
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
TA = -30°C, +25°C
TA = +85°C
VSCL = VSDIO = 0V
VIN (V)
1.6
1.5
1.4
1.3
1.2
1.1
1.0
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
TA = +25°C
TA = -30°C
TA = +85°C
BRC (#)
30
25
20
15
10
5
0
0
16
32
48
64
80
96
112 128
TA = -30°C,+25°C and +85°C
BRC (#)
1.00e2
1.00e1
1.00
1.00e-1
1.00e-2
0
16
32
48
64
80
96
112 128
TA = -30°C,+25°C and +85°C
VIN (V)
27.5
27.0
26.5
26.0
25.5
25.0
24.5
24.0
23.5
23.0
22.5
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
D4A
BRC = 127
D62
D1A,D2A,D3A,D53
VIN (V)
27.5
27.0
26.5
26.0
25.5
25.0
24.5
24.0
23.5
23.0
22.5
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
BRC = 127
TA = -30°C
TA = +85°C
TA = +25°C
7
LM3535
www.ti.com
SNVS598B – AUGUST 2010 – REVISED MARCH 2018
Product Folder Links: LM3535
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
6.6 Typical Characteristics
Unless otherwise specified: TA = 25°C; VIN = 3.6 V; VHWEN = VIN; CIN= 1 µF, COUT = 1 µF, C1 = C2 = 1 µF.
Figure 2. ILED vs Input Voltage 6 LEDs
Figure 3. ILED vs Input Voltage
Figure 4. ILED vs Brightness Code Linear Scale
Figure 5. ILED vs Brightness Code Log Scale
Figure 6. Switching Frequency vs Input Voltage Tri-Temp
Figure 7. Shutdown Current vs Input Voltage VIO = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com