Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM3535
Description  LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3535 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3535 Datasheet HTML 4Page - Texas Instruments LM3535 Datasheet HTML 5Page - Texas Instruments LM3535 Datasheet HTML 6Page - Texas Instruments LM3535 Datasheet HTML 7Page - Texas Instruments LM3535 Datasheet HTML 8Page - Texas Instruments LM3535 Datasheet HTML 9Page - Texas Instruments LM3535 Datasheet HTML 10Page - Texas Instruments LM3535 Datasheet HTML 11Page - Texas Instruments LM3535 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
D.C. (%)
25
20
15
10
5
0
0
20
40
60
80
100
fPWM = 250 Hz.
fPWM = 8 kHz.
fPWM = 20 kHz.
VIN (V)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
TA = +25°C
TA = -30°C
TA = +85°C
VIN (V)
10.00
9.00
8.00
7.00
6.00
5.00
4.00
3.00
2.00
1.00
0.00
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
TA = +25°C
TA = -30°C
VSCL = VSDIO = 2.5V
TA = +85°C
VIN (V)
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0.00
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
TA = +25°C
TA = -30°C
TA = +85°C
8
LM3535
SNVS598B – AUGUST 2010 – REVISED MARCH 2018
www.ti.com
Product Folder Links: LM3535
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C; VIN = 3.6 V; VHWEN = VIN; CIN= 1 µF, COUT = 1 µF, C1 = C2 = 1 µF.
Figure 8. Shutdown Current vs Input Voltage VIO = 2.5 V
Figure 9. Quiescent Current vs Input Voltage 1× Gain
Figure 10. Quiescent Current vs Input Voltage 3/2× Gain
Figure 11. ALS Boundary Voltage vs Boundary Code Falling
ALS Voltage
Figure 12. ALS Boundary Voltage vs Boundary Code Falling
ALS Voltage (Zoom)
Figure 13. Diode Current vs PWM Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com