Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3535
Description  LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3535 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3535 Datasheet HTML 9Page - Texas Instruments LM3535 Datasheet HTML 10Page - Texas Instruments LM3535 Datasheet HTML 11Page - Texas Instruments LM3535 Datasheet HTML 12Page - Texas Instruments LM3535 Datasheet HTML 13Page - Texas Instruments LM3535 Datasheet HTML 14Page - Texas Instruments LM3535 Datasheet HTML 15Page - Texas Instruments LM3535 Datasheet HTML 16Page - Texas Instruments LM3535 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
start
msb Chip Address lsb
w
ack
msb Register Add lsb
ack
msb
DATA
lsb
ack
stop
ack from slave
ack from slave
ack from slave
SCL
SDIO
start
Id = 38h
w
ack
addr = 10h
ack
ack
DGGUHVV K¶3F data
stop
13
LM3535
www.ti.com
SNVS598B – AUGUST 2010 – REVISED MARCH 2018
Product Folder Links: LM3535
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
Programming (continued)
7.5.1.3 Transferring Data
Every byte put on the SDIO line must be eight bits long, with the most significant bit (MSB) transferred first. Each
byte of data has to be followed by an acknowledge bit. The acknowledge related clock pulse is generated by the
master. The master releases the SDIO line (HIGH) during the acknowledge clock pulse. The LM3535 pulls down
the SDIO line during the 9th clock pulse, signifying an acknowledge. The LM3535 generates an acknowledge
after each byte is received. There is no acknowledge created after data is read from the LM3535.
After the START condition, the I2C master sends a chip address. This address is seven bits long followed by an
eighth bit which is a data direction bit (R/W). The LM3535 7-bit address is 38h. For the eighth bit, a “0” indicates
a WRITE and a “1” indicates a READ. The second byte selects the register to which the data will be written. The
third byte contains data to write to the selected register.
Figure 19. Write Cycle
W = Write (SDIO = 0)
R = Read (SDIO = 1)
Ack = Acknowledge (SDIO Pulled Down by Either Master or Slave)
Id = Chip Address, 38h For Lm3535
7.5.1.4 I2C Compatible Chip Address
The 7-bit chip address for LM3535 is 111000, or 0x38.
7.5.1.5 Internal Registers of LM3535
REGISTER
INTERNAL HEX ADDRESS
POWER ON VALUE
Diode Enable Register
0x10
0000 0000 (0x00)
Configuration Register
0x20
0000 0000 (0x00)
Options Register
0x30
0000 0000 (0x00)
ALS Zone Readback
0x40
1111 0000 (0xF0)
ALS Control Register
0x50
0000 0011 (0x03)
ALS Resistor Register
0x51
0000 0000 (0x00)
ALS Zone Boundary #0
0x60
0011 0011 (0x33)
ALS Zone Boundary #1
0x61
0110 0110 (0x66)
ALS Zone Boundary #2
0x62
1001 1001 (0x99)
ALS Zone Boundary #3
0x63
1100 1100 (0xCC)
ALS Brightness Zone #1
0x70
1001 1001 (0x99)
ALS Brightness Zone #2
0x71
1011 0110 (0xB6)
ALS Brightness Zone #3
0x72
1100 1100 (0xCC)
ALS Brightness Zone #4
0x73
1110 0110 (0xE6)
ALS Brightness Zone #5
0x74
1111 1111 (0xFF)
Group A Brightness Control Register 0xA0
1000 0000 (0x80)
Group B Brightness Control Register 0xB0
1100 0000 (0xC0)
Group C Brightness Control Register 0xC0
1111 1000 (0xF8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com