Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM3535
Description  LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3535 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3535 Datasheet HTML 7Page - Texas Instruments LM3535 Datasheet HTML 8Page - Texas Instruments LM3535 Datasheet HTML 9Page - Texas Instruments LM3535 Datasheet HTML 10Page - Texas Instruments LM3535 Datasheet HTML 11Page - Texas Instruments LM3535 Datasheet HTML 12Page - Texas Instruments LM3535 Datasheet HTML 13Page - Texas Instruments LM3535 Datasheet HTML 14Page - Texas Instruments LM3535 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
11
LM3535
www.ti.com
SNVS598B – AUGUST 2010 – REVISED MARCH 2018
Product Folder Links: LM3535
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Charge Pump
The input to the 3/2× or 1× charge pump is connected to the VIN pin, and the regulated output of the charge
pump is connected to the VOUT pin. The recommended input voltage range of the LM3535 is 2.7 V to 5.5 V. The
device regulated charge pump has both open loop and closed loop modes of operation. When the device is in
open loop, the voltage at VOUT is equal to the gain times the voltage at the input. When the device is in closed
loop, the voltage at VOUT is regulated to 4.3 V (typical). The charge pump gain transitions are actively selected to
maintain regulation based on LED forward voltage and load requirements.
7.3.2 Diode Current Sinks
Matched currents are ensured with the use of tightly matched internal devices and internal mismatch cancellation
circuitry. There are eight regulated current sinks configurable into 3 different lighting regions.
7.3.3 Ambient Light Sensing (ALS) And Interrupt
The LM3535 provides an ambient light sensing input for use with ambient backlight control. By connecting the
anode of a photo diode / sensor to the sensor input pins, and configuring the appropriate ALS resistors, the
LM3535 can be configured to adjust the diode current to five unique settings, corresponding to four adjustable
light region trip points. Additionally, when the LM3535 determines that an ambient condition has changed, the
interrupt pin, when connected to a pullup resistor toggles to a 0 alerting the controller. See I2C Compatible
Interface for more details regarding the register configurations.
7.3.4 Dynamic Backlight Control Input (PWM Pin)
The pulse width modulation (PWM) pin allows a display driver utilizing dynamic backlight control (DBC) to adjust
the LED brightness based on the content. The PWM input can be turned on or off (Acknowledge or Ignore), and
the polarity can be flipped (active high or active low) through the I2C interface. The current sinks of the LM3535
require approximately 15 µs to reach steady-state target current. This turnon time sets the minimum usable PWM
pulse width for DBC/CABC.
7.3.5 LED Forward Voltage Monitoring
The LM3535 has the ability to switch gains (1× or 3/2×) based on the forward voltage of the LED load. This
ability to switch gains maximizes efficiency for a given load. Forward voltage monitoring occurs on all diode pins.
At higher input voltages, the LM3535 operates in pass mode, allowing the VOUT voltage to track the input voltage.
As the input voltage drops, the voltage on the Dxx pins also drops (VDXX = VVOUT – VLEDx). Once any of the active
Dxx pins reaches a voltage approximately equal to 130 mV, the charge pump will switch to the gain of 3/2. This
switchover ensures that the current through the LEDs never becomes pinched off due to a lack of headroom
across the current sinks. Once a gain transition occurs, the LM3535 remains in the gain of 3/2 until an I2C write
to the part occurs. At that time, the LM3535 re-evaluates the LED conditions and selects the appropriate gain.
Only active Dxx pins are monitored.
7.3.6 Configurable Gain Transition Delay
To optimize efficiency, the LM3535 has a user selectable gain transition delay that allows the part to ignore short
duration input voltage drops. By default, the LM3535 does not change gains if the input voltage dip is shorter
than 3 to 6 milliseconds. There are three selectable gain transition delay ranges available on the LM3535. All
delay ranges are set within the VF Monitor Delay Register. See Internal Registers of LM3535 for more
information regarding the delay ranges.
7.3.7 Hardware Enable (HWEN)
The LM3535 has a hardware enable/reset pin (HWEN) that allows the device to be disabled by an external
controller without requiring an I2C write command. Under normal operation, hold the HWEN pin high (logic 1) to
prevent an unwanted reset. When the HWEN is driven low (logic 0), all internal control registers reset to the
default states, and the device becomes disabled. See the Electrical Characteristics section of the data sheet for
required voltage thresholds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com