Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535 Datasheet(PDF) 28 Page - Texas Instruments

Part # LM3535
Description  LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3535 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM3535 Datasheet HTML 24Page - Texas Instruments LM3535 Datasheet HTML 25Page - Texas Instruments LM3535 Datasheet HTML 26Page - Texas Instruments LM3535 Datasheet HTML 27Page - Texas Instruments LM3535 Datasheet HTML 28Page - Texas Instruments LM3535 Datasheet HTML 29Page - Texas Instruments LM3535 Datasheet HTML 30Page - Texas Instruments LM3535 Datasheet HTML 31Page - Texas Instruments LM3535 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
VIN (V)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
BRC = 127
TA = -30°C
TA = +85°C
TA = +25°C
6 LEDs in BankA
VIN (V)
100
90
80
70
60
50
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
TA = -30°C and +25°C
6 LEDs @ 25 mA each
VLED = 3.3V
TA = +85°C
VIN (V)
100
90
80
70
60
50
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VLED = 3.6V
VLED = 3.3V
VLED = 3.0V
8 LEDs @ 25 mA each
VIN (V)
340
300
260
220
180
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VLED = 3.6V
VLED = 3.3V
VLED = 3.0V
8 LEDs @ 25 mA Each
VIN (V)
100
90
80
70
60
50
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VLED = 3.6V
VLED = 3.3V
VLED = 3.0V
6 LEDs @ 25 mA each
VIN (V)
260
240
220
200
180
160
140
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VLED = 3.6V
VLED = 3.3V
VLED = 3.0V
6 LEDs @ 25 mA Each
28
LM3535
SNVS598B – AUGUST 2010 – REVISED MARCH 2018
www.ti.com
Product Folder Links: LM3535
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
Figure 39. Input Current vs Input Voltage 6 LEDs
Figure 40. LED Drive Efficiency vs Input Voltage 6 LEDs
Figure 41. Input Current vs Input Voltage 8 LEDs
Figure 42. LED Drive Efficiency vs Input Voltage 8 LEDs
Figure 43. LED Drive Efficiency vs Input Voltage Tri-Temp
6 LEDs
Figure 44. ILED Matching vs Input Voltage 6 LEDs
9 Power Supply Recommendations
The LM3535 is designed to operate from an input voltage supply range between 2.7 V and 5.5 V. This input
supply must be well regulated and capable to supply the required input current. If the input supply is located far
from the LM3535 additional bulk capacitance may be required in addition to the ceramic bypass capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com