Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3535
Description  LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3535 Datasheet(HTML) 3 Page - Texas Instruments

  LM3535 Datasheet HTML 1Page - Texas Instruments LM3535 Datasheet HTML 2Page - Texas Instruments LM3535 Datasheet HTML 3Page - Texas Instruments LM3535 Datasheet HTML 4Page - Texas Instruments LM3535 Datasheet HTML 5Page - Texas Instruments LM3535 Datasheet HTML 6Page - Texas Instruments LM3535 Datasheet HTML 7Page - Texas Instruments LM3535 Datasheet HTML 8Page - Texas Instruments LM3535 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Top View
A
B
C
D
E
Bottom View
E
D
C
B
A
1
2
3
4
1
2
3
4
3
LM3535
www.ti.com
SNVS598B – AUGUST 2010 – REVISED MARCH 2018
Product Folder Links: LM3535
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
YFQ Package
20-Pin DSBGA
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
A1, C1, B1, B2
C1+, C1–, C2+,
C2–
Power
Flying capacitor connections
A2
VOUT
Power
Charge pump output voltage
A3
VIN
Power
Input voltage; input range: 2.7 V to 5.5 V
A4
GND
Power
Ground
B3
D1B / INT
Input /
Output
LED driver/ ALS interrupt - GroupB current sink or ALS interrupt pin. In ALS Interrupt
mode, a pullup resistor is required. A zero (0) means a change has occurred, while
a one (1) means no ALS adjustment has been made.
B4, C4
D53, D62
Output
LED drivers - configurable current sinks. Can be assigned to GroupA or GroupB
C2
SDIO
Input /
Output
Serial data input/output pin
C3
D1C / ALS
Input /
Output
LED driver / ALS input - indicator LED current sink or ambient light sensor input
D1
GND
Power
Ground
D2
PWM
Input
External PWM input - allows the current sinks to be turned on and off at a frequency
and duty cycle externally controlled. Minimum on-time pulse width = 15 µsec.
D3, E3, E4, D4
D1A-D4A
Output
LED drivers - GroupA
E1
HWEN
Input
Hardware enable pin. High = normal operation, Low = RESET
E2
SCL
Input
Serial clock pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com