Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3535
Description  LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3535 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3535 Datasheet HTML 17Page - Texas Instruments LM3535 Datasheet HTML 18Page - Texas Instruments LM3535 Datasheet HTML 19Page - Texas Instruments LM3535 Datasheet HTML 20Page - Texas Instruments LM3535 Datasheet HTML 21Page - Texas Instruments LM3535 Datasheet HTML 22Page - Texas Instruments LM3535 Datasheet HTML 23Page - Texas Instruments LM3535 Datasheet HTML 24Page - Texas Instruments LM3535 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
ILED = ILED_FS u ZoneTarget0 = 25 mA u 0.336% | 84 PA.
Ambient Light (lux)
Vals_ref
= 1V
ZB3
ZB0
ZB1
ZB2
Zone 0
Zone 4
Zone 3
Zone 2
Zone 1
LED Driver Input Code (0-127)
Full
Scale
Z0T
Z4T
Z3T
Z2T
Z1T
21
LM3535
www.ti.com
SNVS598B – AUGUST 2010 – REVISED MARCH 2018
Product Folder Links: LM3535
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
Zone Boundary 0 = 200 mV
Zone Boundary 1 = 400 mV
Zone Boundary 2 = 600 mV
Zone Boundary 3 = 800 mV
These Zone Boundary Registers are all 8-bit (readable and writable) registers. By default, the first zone (Z0) is
defined between 0 and 200 mV, default for Z1 is defined between 200 mV and 400 mV, Z2 is defined between
400 mV and 600 mV, Z3 is defined between 600 mV and 800 mV, and Z4 is defined between 800 mV and 1 V.
The default settings for the 5 Zone Target Registers are 0x19, 0x33, 0x4C, 0x66, and 0x7F. This corresponds to
LED brightness settings of 84 µA, 164 µA, 1.45 mA, 6.17 mA and 25 mA of current, respectively. See Figure 31.
Figure 31. ALS Zone to LED Brightness Mapping
8.2.2.1.2.1
ALS Configuration Example
As an example, assume that the APDS-9005 is used as the ambient light sensing photo diode with its output
connected to the ALS input. The ALS Resistor Select Register (Address 0x51) is loaded with 0x40 which
configures the ALS input for a 2.32-k
Ω internal pulldown resistor (see Table 2). This gives the output of the
APDS-9005 a typical voltage swing of 0 to 875mV with a 0 to 1k LUX change in ambient light (0.875mV/Lux).
Next, the Configuration Register (Address 0x20) is programmed with 0xDC, the ALS Control Register (Address
0x50) programmed to 0x40 and the Control Register is programmed to 0x3F . This configures the device ALS
interface for:
•
Ambient Light Current Control for BankA enabled
•
ALS circuitry enabled
•
Assigns D53 and D62 to bankA
•
Sets the ALS Averaging Time to 400 ms
Next, the Control Register (Address 0x10) is programmed with 0x3F which enables the 6 LEDs via the I2C-
compatible interface.
Now assume that the APDS-9005 ambient light sensor detects a 100 LUX ambient light at its input. This forces
the ambient light sensor output (and the ALS input) to 87.5 mV corresponding to Zone 0. Since Zone 0 points to
the brightness code programmed in Zone Target Register 0 (loaded with code 0x19), the LED current becomes:
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com