Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49151TL/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM49151TL/NOPB
Description  LM49151 Boomer™ Audio Power Amplifier Series Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49151TL/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM49151TL/NOPB Datasheet HTML 9Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 10Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 11Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 12Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 13Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 14Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 15Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 16Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
0
250
500
750
1000
1250
1500
1750
2000
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
THD+N = 1%
THD+N = 10%
0
10
20
30
40
50
60
70
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
THD+N = 1%
THD+N = 10%
1m
10m
0.001
0.1
1
10
OUTPUT POWER (W)
100m
0.01
10m
50m
0.01
0.1
1
10
OUTPUT POWER (W)
200m
VDD = 3.3V
VDD = 3.6V
VDD = 5V
1m
10m
0.001
0.1
1
10
OUTPUT POWER (W)
100m
0.01
1m
10m
0.001
0.1
1
10
OUTPUT POWER (W)
100m
0.01
TI Confidential - NDA Restrictions
LM49151
www.ti.com
SNAS482F – MARCH 2009 – REVISED MARCH 2013
Typical Performance Characteristics
(1) (continued)
THD+N vs Output Power
THD+N vs Output Power
VDD = 3.3V, RL = 32Ω, f = 1kHz
VDD = 5V, RL = 32Ω, f = 1kHz
Headphone Mode 8
Headphone Mode 8
Figure 15.
Figure 16.
THD+N vs Output Power
THD+N vs Output Power
VDD = 3.6V, RL = 32Ω, f = 1kHz
RL = 32Ω, f = 1kHz
Headphone Mode 8
Earpiece Bypass Mode
Figure 17.
Figure 18.
Output Power vs Supply Voltage
Output Power vs Supply Voltage
RL = 8Ω, f = 1kHz
RL = 32Ω, f = 1kHz
Speaker Mode 1
Headphone Mode 8
Figure 19.
Figure 20.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM49151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com