Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49151TL/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM49151TL/NOPB
Description  LM49151 Boomer™ Audio Power Amplifier Series Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49151TL/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM49151TL/NOPB Datasheet HTML 1Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 2Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 3Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 4Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 5Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 6Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 7Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 8Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
3
2
1
LSOUT-
BYPASS
C1N
GND
INR
SET
A
B
C
D
INM-
4
LSOUT+
SDA
I
2
CVDD
CPVSS
INL
LSVDD
C1P
HPL
HPR
INM+
CPGND
E
VDD
SCL
TI Confidential - NDA Restrictions
LM49151
www.ti.com
SNAS482F – MARCH 2009 – REVISED MARCH 2013
Connection Diagram
Figure 2. 20 Bump DSBGA Package
Top View
(See Package Number YZR0020)
BUMP DESCRIPTIONS
Bump
Name
Description
A1
I2CVDD
I2C Power Supply
A2
GND
Ground
A3
LSOUT-
Inverting Loudspeaker Output
A4
LSOUT+
Non-Inverting Loudspeaker Output
B1
VDD
Analog Power Supply
B2
SDA
I2C Data Input
B3
SCL
I2C Clock Input
B4
LSVDD
Loudspeaker Power Supply
C1
INL
Left Channel Input
C2
INR
Right Channel Input
C3
BYPASS
Mid-Rail Supply Bypass
C4
CPVSS
Charge Pump Output
D1
INM-
Mono Channel Inverting Input
D2
SET
ALC Timing Control
D3
CPN
Charge Pump Flying Capacitor - Negative Terminal
D4
CPP
Charge Pump Flying Capacitor - Positive Terminal
E1
INM+
Mono Channel Non-Inverting Input
E2
HPR
Right Channel Headphone Amplifier Output
E3
HPL
Left Channel Headphone Amplifier Output
E4
CPGND
Charge Pump Ground
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM49151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com