Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49151TL/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM49151TL/NOPB
Description  LM49151 Boomer™ Audio Power Amplifier Series Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49151TL/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM49151TL/NOPB Datasheet HTML 1Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 2Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 3Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 4Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 5Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 6Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 7Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 8Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
TI Confidential - NDA Restrictions
LM49151
www.ti.com
SNAS482F – MARCH 2009 – REVISED MARCH 2013
LM49151 Boomer™ Audio Power Amplifier Series Mono Class D Audio Subsystem with
Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No
Clip with Clip Control
Check for Samples: LM49151
1
FEATURES
DESCRIPTION
The LM49151 is a fully integrated audio subsystem
23
•
E2S Class D Amplifier
designed for portable handheld applications such as
•
Ground Referenced Outputs — Eliminates
cellular phones. The LM49151 combines a 1.25W
Output Coupling Capacitors
mono E2S class D amplifier, 125mW Class AB
•
I2C Programmable No Clip Function with Clip
earpiece
driver,
42mW/channel
stereo
ground
referenced headphone drivers, volume control, input
Control
mixer/multiplexer, and speaker protection into a
•
Voltage Limiter Speaker Protection
single device.
•
I2C Volume and Mode Control
The LM49151 class D speaker amplifier features
•
Ear Piece Amplifier
Texas Instruments' unique Automatic Level Control
•
Advanced Click-and-Pop Suppression
(ALC) that provides both a I2C programmable no-clip
feature with Clip Controls and speaker protection.
•
Low Supply Current
The E2S (Enhanced Emission Suppression) class D
•
Micro-Power Shutdown
amplifier features a patented, ultra low EMI PWM
•
20-bump DSBGA Package
architecture that significantly reduces RF emissions
while preserving audio quality and efficiency while
APPLICATIONS
delivering 1.25W into an 8
Ω load with <1% THD+N
with a 5V supply. The 42mW/channel headphone
•
Mobile Phones
drivers feature Texas Instruments' ground referenced
•
PDAs
architecture that creates a ground-referenced output
•
Notebook PCs
from a single supply, eliminating the need for bulky
and expensive DC-blocking capacitors, saving space
•
Portable Electronics Devices
and minimizing system cost.
•
MP3 Players
The LM49151 features separate volume controls for
the
loudspeaker
and
headphone
inputs.
Mode
KEY SPECIFICATIONS
selection,
shutdown
control,
and
volume
are
•
Output Power at VDD = 3.3V THD+N ≤ 1%
controlled through an I2C compatible interface. The
–
LS Mode, RL = 8Ω 520mW (Typ)
LM49151's
superior
click
and
pop
suppression
eliminates audible transients on power-up/down and
–
HP Mode, RL = 32Ω 40mW (Typ)
during shutdown.
•
Output Power at VDD = 5V THD+N ≤ 1%
–
LS Mode, RL = 8Ω 1.25W (Typ)
–
HP Mode, RL = 32Ω 42mW (Typ)
•
Output Offset
–
LS Mode 15 6mV (Typ)
–
HP Mode 15 2mV (Typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Boomer is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM49151TL/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM49151TL/NOPB TI1-LM49151TL/NOPB Datasheet
1Mb / 34P
Audio Power Amplifier Series Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
More results

Similar Description - LM49151TL/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49151 NSC-LM49151 Datasheet
174Kb / 4P
Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
logo
Maxim Integrated Produc...
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
logo
National Semiconductor ...
LM49150 NSC-LM49150 Datasheet
782Kb / 28P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
Texas Instruments
LM49352 TI1-LM49352 Datasheet
2Mb / 112P
Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
LM49150 TI1-LM49150_14 Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
LM49352 TI1-LM49352_14 Datasheet
1Mb / 104P
Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers Earpiece Driver, and Audio DSP
LM4930 TI-LM4930_15 Datasheet
1Mb / 40P
LM4930 Boomer??Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM49352 TI-LM49352_15 Datasheet
2Mb / 106P
Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
LM49150 TI1-LM49150 Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
LM49151 TI1-LM49151 Datasheet
1Mb / 34P
Audio Power Amplifier Series Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com