Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49151TL/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM49151TL/NOPB
Description  LM49151 Boomer™ Audio Power Amplifier Series Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49151TL/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM49151TL/NOPB Datasheet HTML 1Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 2Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 3Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 4Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 5Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 6Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 7Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 8Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
VOLUME
-80 dB to +18 dB
VOLUME
-80 dB to +18 dB
VOLUME
-80 dB to +18 dB
MIXER AND
OUTPUT MODE
SELECT
ALC
CHARGE PUMP
BIAS
I
2
C INTERFACE
BYPASS
CLASS
D
+12 dB,
+18 dB
LSOUT+
LSOUT-
SET
HPL
HPR
INM+
INM-
INL
INR
BYPASS
I
2
CVDD
SDA
SCL
GND
CPVSS
CPP
CPN
CPGND
VDD
LSVDD
LDO
CSET
RSET
(Optional)
-6 dB
CB
C1
Cs1
Cs3
Ci
1 µF
Ci
Audio
Differential
Input
Audio
Single-Ended
Inputs
Ci
1 µF
0.22 µF
2.2 µF
2.2 µF
2.2 µF
1 µF
Cs2
1 µF
10 µF
0.1 µF
Ci
0.22 µF
-18 dB
to
0 dB
-18 dB
to
0 dB
TI Confidential - NDA Restrictions
LM49151
SNAS482F – MARCH 2009 – REVISED MARCH 2013
www.ti.com
Typical Application
Figure 1. Typical Audio Amplifier Application Circuit
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com