Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49151TL/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LM49151TL/NOPB
Description  LM49151 Boomer™ Audio Power Amplifier Series Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49151TL/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM49151TL/NOPB Datasheet HTML 17Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 18Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 19Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 20Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 21Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 22Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 23Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 24Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
TI Confidential - NDA Restrictions
LM49151
www.ti.com
SNAS482F – MARCH 2009 – REVISED MARCH 2013
Table 3. Shutdown Control (continued)
Bit
Name
Value
Description
This disables the gain amplifiers that are not in use to minimize IDD. This setting is recommended
for output modes 1, 2, 4, 5, 8, 10.
GAMP_SD
Status
B4
GAMP_SD
0
Normal operation
1
Disable the unused gain amplifiers
MODE CONTROL REGISTER
This register is used to control shutdown operation of the device.
Table 4. Output Mode Selection (see legend below(1))
Bits
Field
Description
B3:B0
MODE
This set the different mixers output modes.
_CONTROL
Mode_
Mode
Loudspeaker
Headphone Right
Headphone Left
Control
0000
0
SD
SD
SD
0001
1
GM x M
SD
SD
0010
2
2 x (GL x L + GR x R)
SD
SD
2 x (GL x L + GR x R)
0011
3
SD
SD
+ GM x M
0100
4
SD
GM x M/2
GM x M/2
0101
5
GM x M
GM x M/2
GM x M/2
0110
6
2 x (GL x L + GR x R)
GM x M/2
GM x M/2
2 x (GL x L + GR x R) +
0111
7
GM x M/2
GM x M/2
GM x M
1000
8
SD
GR x R
GL x L
1001
9
GM x M
GR x R
GL x L
1010
10
2 x (GL x L + GR x R)
GR x R
GL x L
2 x (GL x L + GR x R)
1011
11
GR x R
GL x L
+ GM x M
1100
12
SD
GR x R + GM x M/2
GL x L + GM x M/2
1101
13
GM x M
GR x R + GM x M/2
GL x L + GM x M/2
1110
14
2 x (GL x L + GR x R)
GR x R + GM x M/2
GL x L + GM x M/2
2 x (GL x L + GR x R)
1111
15
GR x R + GM x M/2
GL x L + GM x M/2
+ GM x M
B4
EP_BYPASS
This makes the loudspeaker and headphone amplifiers into shutdown mode and enables receiver bypass
path.
0
Normal output mode operation
1
Enable the receiver bypass path
(1)
M: Mono differential input
R: Right channel stereo input
L: Left channel stereo input
SD: Shutdown
GM : Differential input gain path
GR: Right channel input gain path
GL: Left channel input gain path
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM49151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com